Electronic Components Datasheet Search
  English  ▼

X  

AD9542 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9542 Datasheet HTML 5Page - Analog Devices AD9542 Datasheet HTML 6Page - Analog Devices AD9542 Datasheet HTML 7Page - Analog Devices AD9542 Datasheet HTML 8Page - Analog Devices AD9542 Datasheet HTML 9Page - Analog Devices AD9542 Datasheet HTML 10Page - Analog Devices AD9542 Datasheet HTML 11Page - Analog Devices AD9542 Datasheet HTML 12Page - Analog Devices AD9542 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Data Sheet
AD9542
Rev. 0 | Page 9 of 61
DISTRIBUTION CLOCK OUTPUTS
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
All testing is both ac-coupled and dc-coupled
Output Frequency
Frequency range determined by driver
functionality; actual frequency synthesis may be
limited by the APLL VCO frequency range
CML
1
500 × 106
Hz
Terminated per Figure 33
HCSL
1
500 × 106
Hz
Terminated per Figure 32
Differential Output Voltage Swing
Voltage between output pins measured with
output driver static; peak-to-peak differential
output amplitude is twice that shown when driver
is toggling and measured using a differential probe
Output Current = 7.5 mA
HCSL
312
368
402
mV
Terminated per Figure 32
CML
257
348
408
mV
Terminated to VDD (nominal 1.8 V) per Figure 33
Output Current = 15 mA
HCSL
631
745
809
mV
Terminated per Figure 32
CML
578
729
818
mV
Terminated to VDD (nominal 1.8 V) per Figure 33
Common-Mode Output Voltage
Output Current = 7.5 mA
HCSL
155
184
201
mV
Terminated per Figure 32
CML
VDD − 208
VDD − 188
VDD − 169
mV
Terminated to VDD (nominal 1.8 V) per Figure 33
(maximum common-mode voltage case occurs at
the minimum amplitude)
Output Current = 15 mA
HCSL
316
372
405
mV
Terminated per Figure 32
CML
VDD − 416
VDD − 371
VDD − 327
mV
Terminated to VDD (nominal 1.8 V) per Figure 33
(maximum common-mode voltage case occurs at
the minimum amplitude)
SINGLE-ENDED MODE
Output Frequency
1
500 × 106
Hz
Frequency range determined by driver
functionality; actual frequency synthesis may be
limited by the APLL VCO frequency range
Output Current = 12 mA
Voltage Swing (Peak-to-Peak)
HCSL Driver Mode
509
584
634
mV
Each output terminated per Figure 37 with R
L = 50 Ω
CML Driver Mode
456
565
644
mV
Each output terminated per Figure 37 with R
L = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Voltage Swing Midpoint
HCSL Driver Mode
255
292
317
mV
Each output terminated per Figure 37 with R
L = 50 Ω
CML Driver Mode
VDD − 325
VDD − 291
VDD − 266
mV
Each output terminated per Figure 37 with R
L = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Output Current = 15 mA
Voltage Swing (Peak-to-Peak)
HCSL Driver Mode
645
734
796
mV
Each output terminated per Figure 37 with R
L = 50 Ω
CML Driver Mode
589
721
815
mV
Each output terminated per Figure 37 with R
L = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND
Voltage Swing Midpoint
HCSL Driver Mode
322
367
398
mV
Each output terminated per Figure 37 with R
L = 50 Ω
CML Driver Mode
VDD − 411
VDD − 367
VDD − 334
mV
Each output terminated per Figure 37 with R
L = 50 Ω
connected to VDD (nominal 1.8 V) instead of GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com