Electronic Components Datasheet Search
  English  ▼

X  

AD9542 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9542 Datasheet HTML 15Page - Analog Devices AD9542 Datasheet HTML 16Page - Analog Devices AD9542 Datasheet HTML 17Page - Analog Devices AD9542 Datasheet HTML 18Page - Analog Devices AD9542 Datasheet HTML 19Page - Analog Devices AD9542 Datasheet HTML 20Page - Analog Devices AD9542 Datasheet HTML 21Page - Analog Devices AD9542 Datasheet HTML 22Page - Analog Devices AD9542 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
Data Sheet
AD9542
Rev. 0 | Page 19 of 61
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
M3
4
5
6
7
25
OUT0AN
26
27
28
29
30
31
32
33
34
35
36
SDO/M5
8
9
10
11
12
OUT1AP
SDIO/SDA
CSB/M6
OUT0AP
VDDIOA
SCLK/SCL
VDD
VDD
VDD
LF0
LDO0
AD9542
TOP VIEW
(Not to Scale)
VDD
M1
OUT1AN
M2
VDD
LDO1
VDD
LF1
M0
VDDIOB
NOTES
1. EXPOSED PAD. THE EXPOSED PAD IS THE GROUND CONNECTION
ON THE CHIP. THE EXPOSED PAD MUST BE SOLDERED TO THE
ANALOG GROUND OF THE PCB TO ENSURE PROPER
FUNCTIONALITY AND FOR HEAT DISSIPATION, NOISE, AND
MECHANICAL STRENGTH BENEFITS.
2. DNC = DO NOT CONNECT. LEAVE THESE PINS FLOATING.
Figure 2. Pin Configuration
Table 25. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
1
SDO/M5
Output
CMOS
Serial Data Output (SDO). This pin is for reading serial data in 4-wire SPI mode.
Changes to the VDDIOA supply voltage affect the V
IH and VOH values for this pin.
Configurable Input/Output (M5).This pin is a status and control pin when the
device is not in 4-wire SPI mode.
2
SCLK/SCL
Input
CMOS
Serial Programming Clock (SCLK) Pin in SPI Mode. Changes to the VDDIOA supply
voltage affect the V
IH and VOH values for this pin.
Serial Clock Pin (SCL) in I2C Mode. Changes to the VDDIOA supply voltage affect the
V
IH and VOH values for this pin.
3
VDDIOA
Input
Power
Serial Port Power Supply. The valid supply voltage is 1.8 V, 2.5 V, or 3.3 V. The
VDDIOA pin can be connected to the VDD supply bus if 1.8 V operation is desired.
4
SDIO/SDA
Input/
output
CMOS
Serial Data Input/Output in SPI Mode (SDIO). Write data to this pin in 4-wire SPI
mode. This pin has no internal pull-up or pull-down resistor. Changes to the VDDIOA
supply voltage affect the V
IH and VOH values for this pin.
Serial Data Pin in I2C Mode (SDA).
5
CSB/M6
Input/
output
CMOS
Chip Select in SPI Mode (CSB). Active low input. Maintain a Logic 0 level on this pin
when programming the device in SPI mode. This pin has an internal 10 kΩ pull-up
resistor. Changes to the VDDIOA supply voltage affect the V
IH and VOH values for this pin.
Configurable Input/Output (M6). This pin is a status and control pin when the
device is not in SPI mode.
6, 9, 10, 13,
19, 20, 24,
27, 28, 31,
40, 41, 45
VDD
Input
Power
1.8 V Power Supply.
7
LDO0
Input
LDO bypass
APLL0 Loop Filter Voltage Regulator. Connect a 0.22 μF capacitor from this pin to
ground. This pin is the ac ground reference for the integrated APLL0 loop filter.
8
LF0
Input/
output
Loop filter
for APLL0
Loop Filter Node for APLL0. Connect a 3.9 nF capacitor from this pin to Pin 7
(LDO0).
11
OUT0AP
Output
HCSL, LVDS,
CML, CMOS
PLL0 Output 0A.
12
OUT0AN
Output
HCSL, LVDS,
CML, CMOS
PLL0 Complementary Output 0A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com