Electronic Components Datasheet Search
  English  ▼

X  

AD9542 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9542 Datasheet HTML 14Page - Analog Devices AD9542 Datasheet HTML 15Page - Analog Devices AD9542 Datasheet HTML 16Page - Analog Devices AD9542 Datasheet HTML 17Page - Analog Devices AD9542 Datasheet HTML 18Page - Analog Devices AD9542 Datasheet HTML 19Page - Analog Devices AD9542 Datasheet HTML 20Page - Analog Devices AD9542 Datasheet HTML 21Page - Analog Devices AD9542 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
AD9542
Data Sheet
Rev. 0 | Page 18 of 61
ABSOLUTE MAXIMUM RATINGS
Table 23.
Parameter
Rating
1.8 V Supply Voltage (VDD)
2 V
Input/Output Supply Voltage
(VDDIOA, VDDIOB)
3.6 V
Input Voltage Range (XOA, XOB,
REFA, REFAA, REFB, REFBB Pins)
−0.5 V to VDD + 0.5 V
Digital Input Voltage Range
SDO/M5, SCLK/SCL, SDIO/SDA,
CSB/M6 Pins
−0.5 V to VDDIOA + 0.5 V
M0, M1, M2, M3, M4 Pins
−0.5 V to VDDIOB + 0.5 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range1
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
1 See the Thermal Resistance section for additional information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 24. Thermal Resistance
Symbol
Thermal Characteristic Using a
JEDEC51-7 Plus JEDEC51-5 2S2P
Test Board1
Value
Unit
θJA
Junction to ambient thermal
resistance, 0.0 m/sec airflow per
JEDEC JESD51-2 (still air)
23.92
°C/W
θJMA
Junction to ambient thermal
resistance, 1.0 m/sec airflow per
JEDEC JESD51-6 (moving air)
19.42
°C/W
θJMA
Junction to ambient thermal
resistance, 2.5 m/sec airflow per
JEDEC JESD51-6 (moving air)
18.22
°C/W
θJC
Junction to case thermal resistance
(die to heat sink) per MIL-STD 883,
Method 1012.1
1.52
°C/W
1 The exposed pad on the bottom of the package must be soldered to ground
to achieve the specified thermal performance.
Values of θJA are for package comparison and PCB design
considerations. θJA provides for a first-order approximation of TJ
per the following equation:
TJ
= TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJC are for package comparison and PCB design
considerations when an external heat sink is required.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com