Electronic Components Datasheet Search
  English  ▼

X  

AD9542 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9542 Datasheet HTML 3Page - Analog Devices AD9542 Datasheet HTML 4Page - Analog Devices AD9542 Datasheet HTML 5Page - Analog Devices AD9542 Datasheet HTML 6Page - Analog Devices AD9542 Datasheet HTML 7Page - Analog Devices AD9542 Datasheet HTML 8Page - Analog Devices AD9542 Datasheet HTML 9Page - Analog Devices AD9542 Datasheet HTML 10Page - Analog Devices AD9542 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Data Sheet
AD9542
Rev. 0 | Page 7 of 61
REFERENCE INPUTS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
Differential mode specifications assume ac coupling
of the input signal to the reference input pins
Frequency Range
Sinusoidal Input
750
MHz
Lower limit dependent on input slew rate
LVPECL Input
2000
750 × 106
Hz
Lower limit dependent on ac coupling
LVDS Input
2000
500 × 106
Hz
Assumes an LVDS minimum of 494 mV p-p differential
amplitude; lower limit dependent on ac coupling
Slew Rate for Sinusoidal input
20
V/µs
Minimum input slew rate for device operation; jitter
degradation may occur for slew rates < 35 V/µs
Common-Mode Input Voltage
0.64
V
Internally generated self bias voltage
Differential Input Amplitude
Peak-to-peak differential voltage swing across pins
required to ensure switching between logic levels as
measured with a differential probe; instantaneous
voltage on either pin must not exceed 1.3 V
f
IN < 500 MHz
350
2100
mV p-p
f
IN = 500 MHz to 750 MHz
500
2100
mV p-p
Differential Input Voltage Hysteresis
55
100
mV
Input Resistance
16
kΩ
Equivalent differential input resistance
Input Pulse Width
LVPECL
600
ps
LVDS
900
ps
DC-COUPLED, LVDS-COMPATIBLE
MODE
Applies for dc-coupling to an LVDS source
Frequency Range
2000
450 × 106
Hz
Common-Mode Input Voltage
1.125
1.375
V
Differential Input Amplitude
400
1200
mV p-p
Differential voltage across pins required to ensure
switching between logic levels; instantaneous
voltage on either pin must not exceed the supply rails
Differential Input Voltage Hysteresis
55
100
mV
Input Resistance
16
kΩ
Input Pulse Width
1
ns
SINGLE-ENDED MODE
Single-ended mode specifications assume dc
coupling of the input signal to the reference input
pins
Frequency Range
1.2 V AC-Coupled
2000
500 × 106
Hz
Lower limit dependent on ac-coupling
1.2 V and 1.8 V CMOS
2000
500 × 106
Hz
CMOS specifications assume dc coupling of the input
signal to the reference input pins
1.2 V AC-Coupled Common-Mode
Voltage
610
mV
Internally generated self-bias voltage
Input Amplitude (Single-Ended,
AC-Coupled Mode)
360
1200
mV p-p
Peak-to-peak single-ended voltage swing;
instantaneous voltage must not exceed 1.3 V
1.2 V and 1.8 V CMOS Input
Voltage
High, V
IH
0.65 ×
V
REF
1.15 × V
REF
V
V
REF is determined by operating mode of the CMOS
input receiver, 1.2 V or 1.8 V
Low, V
IL
0.35 × V
REF
V
Input Resistance
DC-Coupled Single-Ended
Mode
30
kΩ
AC-Coupled Single-Ended
Mode
15
kΩ
Input Pulse Width
900
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com