Electronic Components Datasheet Search
  English  ▼

X  

AD9542 Datasheet(PDF) 55 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9542 Datasheet HTML 51Page - Analog Devices AD9542 Datasheet HTML 52Page - Analog Devices AD9542 Datasheet HTML 53Page - Analog Devices AD9542 Datasheet HTML 54Page - Analog Devices AD9542 Datasheet HTML 55Page - Analog Devices AD9542 Datasheet HTML 56Page - Analog Devices AD9542 Datasheet HTML 57Page - Analog Devices AD9542 Datasheet HTML 58Page - Analog Devices AD9542 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Data Sheet
AD9542
Rev. 0 | Page 55 of 61
SERIAL CONTROL PORT
The AD9542 serial control port is a flexible, synchronous serial
communications port that provides a convenient interface to
many industry-standard microcontrollers and microprocessors.
The AD9542 serial control port is compatible with most
synchronous transfer formats, including I²C, Motorola SPI, and
Intel SSR protocols. The serial control port allows read/write
access to the AD9542 register map.
The AD9542 uses the Analog Devices unified SPI protocol (see
the Analog Devices Serial Control Interface Standard). The
unified SPI protocol guarantees that all new Analog Devices
products using the unified protocol have consistent serial port
characteristics. The SPI port configuration is programmable via
Register 0x00.
Unified SPI differs from the SPI port found on older Analog
Devices products, such as the AD9557 and AD9558, in the
following ways:
•
Unified SPI does not have byte counts. A transfer is
terminated when the CSB pin goes high. The W1 and W0
bits in the traditional SPI become the A12 and A13 bits of
the register address. This is similar to streaming mode in
the traditional SPI.
•
The address ascension bit (Register 0x00) controls whether
register addresses are automatically incremented or
decremented regardless of the LSB/MSB first setting. In
traditional SPI, LSB first mode dictated auto-incrementing
and MSB first mode dictated auto-decrementing of the
register address.
•
The first 16 register addresses of devices that adhere to the
unified serial port have a consistent structure.
SPI/I²C PORT SELECTION
Although the AD9542 supports both the SPI and I
2C serial port
protocols, only one is active following power-up (as determined
by the M4 multifunction pin during the start-up sequence). The
only way to change the serial port protocol is to reset (or power
cycle) the device. See Table 27 for the I
2C address assignments.
SPI SERIAL PORT OPERATION
Pin Descriptions
The serial clock (SCLK) pin serves as the serial shift clock. This
pin is an input. SCLK synchronizes serial control port read and
write operations. The rising edge SCLK registers write data bits,
and the falling edge registers read data bits. The SCLK pin
supports a maximum clock rate of 50 MHz.
The SPI port supports both 3-wire (bidirectional) and 4-wire
(unidirectional) hardware configurations and both MSB first
and LSB first data formats. Both the hardware configuration
and data format features are programmable. The 3-wire mode
uses the serial data input/output (SDIO) pin for transferring
data in both directions. The 4-wire mode uses the SDIO pin
for transferring data to the AD9542, and the SDO pin for
transferring data from the AD9542.
The chip select (CSB) pin is an active low control that gates read
and write operations. Assertion (active low) of the CSB pin
initiates a write or read operation to the AD9542 SPI port. The
user can transfer any number of data bytes in a continuous stream.
The register address is automatically incremented or decremented
based on the setting of the address ascension bit (Register 0x00).
The user must deassert the CSB pin following the last byte
transferred, thereby ending the stream mode. This pin is
internally connected to a 10 kΩ pull-up resistor. When CSB is
high, the SDIO and SDO pins enter a high impedance state.
Implementation Specific Details
The Analog Devices Serial Control Interface Standard provides
a detailed description of the unified SPI protocol and covers
items such as timing, command format, and addressing. The
unified SPI protocol defines the following device specific items:
•
Analog Devices unified SPI protocol revision: 1.0
•
Chip type: 0x5
•
Product ID: 0x012
•
Physical layer: 3-wire and 4-wire supported and 1.5 V,
1.8 V, and 2.5 V operation supported
•
Optional single-byte instruction mode: not supported
•
Data link: not used
•
Control: not used
Communication Cycle—Instruction Plus Data
The unified SPI protocol consists of a two-part communication
cycle. The first part is a 16-bit instruction word coincident with
the first 16 SCLK rising edges. The second part is the payload,
the bits of which are coincident with SCLK rising edges. The
instruction word provides the AD9542 serial control port with
information regarding the payload. The instruction word
includes the R/W bit that indicates the direction of the payload
transfer (that is, a read or write operation). The instruction
word also indicates the starting register address of the first
payload byte.
Write
When the instruction word indicates a write operation, the
payload is written into the serial control port buffer of the
AD9542. Data bits are registered on the rising edge of SCLK.
Generally, it does not matter what data is written to blank
registers; however, it is customary to use 0s. Note that the user
must verify that all reserved registers within a specific range
have a default value of 0x00; however, Analog Devices makes
every effort to avoid having reserved registers with nonzero
default values.
Most of the serial port registers are buffered; therefore, data
written into buffered registers does not take effect immediately.
To transfer buffered serial control port contents to the registers
that actually control the device requires an additional operation,
an IO_UPDATE operation, implemented in one of two ways.
One is to write a Logic 1 to Register 0x0F, Bit 0 (this bit is an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com