Electronic Components Datasheet Search
  English  ▼

X  

AD9542 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9542 Datasheet HTML 26Page - Analog Devices AD9542 Datasheet HTML 27Page - Analog Devices AD9542 Datasheet HTML 28Page - Analog Devices AD9542 Datasheet HTML 29Page - Analog Devices AD9542 Datasheet HTML 30Page - Analog Devices AD9542 Datasheet HTML 31Page - Analog Devices AD9542 Datasheet HTML 32Page - Analog Devices AD9542 Datasheet HTML 33Page - Analog Devices AD9542 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
AD9542
Data Sheet
Rev. 0 | Page 30 of 61
input divider ratio bit field. The corresponding divide value is
2
J, where J is the decimal value of the 2-bit number in the SYSCLK
input divider ratio bit field.
For example, given that the SYSCLK input divider ratio bit field is
10 (binary), J = 2 (decimal), yielding a divide ratio of 2
J = 22 = 4.
FEEDBACK DIVIDER
The output of the system clock PLL constitutes the system clock
frequency, f
S. The system clock frequency depends on the value
of the feedback divider. The feedback divide ratio has a range of
4 to 255, which the user programs via the 8-bit feedback divider
ratio register (the register value is the divide ratio). For example,
a programmed value of 100 (0x64 hexadecimal) yields a divide
ratio of 100.
SYSTEM CLOCK PLL OUTPUT FREQUENCY
Calculate the system clock frequency as follows:
J
K
f
f
SYSIN
S
×
=
where:
f
SYSIN is the input frequency.
K is the feedback divide ratio.
J is the input divide ratio. J = ½ when using the 2× frequency
multiplier.
The user must choose f
SYSIN, K, and J such that fS satisfies the
VCO range of 2250 MHz to 2415 MHz.
SYSTEM CLOCK PLL LOCK DETECTOR
The system clock PLL features a simple lock detector that
compares the time difference between the reference and
feedback clock edges. The user can check the status of the lock
detector via the SYSCLK locked bit in the status readback
registers (Address 0x3000 to Address 0x300A) of the register
map, where Logic 1 indicates locked and Logic 0 unlocked. The
most common reason the system clock PLL fails to lock is due
to the user employing the 2× frequency multiplier with a
reference input clock that deviates from the 50% duty cycle.
SYSTEM CLOCK STABILITY TIMER
Because time processing blocks within the AD9542 depend on
the system clock generating a stable frequency, the system clock
PLL provides an indication of its status. The status of the system
clock PLL is available to the user as well as directly to certain
internal time keeping blocks.
At initial power-up, the system clock status is unknown and
reported as being unstable. However, after the user programs
the system clock registers and the system clock PLL VCO
calibrates, the system clock PLL locks shortly thereafter.
SYSTEM CLOCK INPUT TERMINATION
RECOMMENDATIONS
To connect a crystal resonator to the system clock PLL XOA
and XOB inputs, refer to Figure 23. Be sure to program the
enable maintaining amplifier bit = 1 to select the crystal path.
The 15 pF shunt capacitors shown relate to the C
LOAD and CSTRAY
associated with the crystal as follows:
C
SHUNT = 2 × (CLOAD – CSTRAY)
For C
LOAD = 10 pF and CSTRAY = 2 pF to 5 pF, the value of CSHUNT
is approximately 15 pF.
To connect a TCXO or OCXO with a 3.3 V output, refer to
Figure 24. Be sure to program the enable maintaining amplifier
bit = 0 to select the direct path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com