Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 165 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 165 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 161Page - SMSC Corporation LPC47M192 Datasheet HTML 162Page - SMSC Corporation LPC47M192 Datasheet HTML 163Page - SMSC Corporation LPC47M192 Datasheet HTML 164Page - SMSC Corporation LPC47M192 Datasheet HTML 165Page - SMSC Corporation LPC47M192 Datasheet HTML 166Page - SMSC Corporation LPC47M192 Datasheet HTML 167Page - SMSC Corporation LPC47M192 Datasheet HTML 168Page - SMSC Corporation LPC47M192 Datasheet HTML 169Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 228 page
background image
SMSC DS – LPC47M192
Page 165
Rev. 03/30/05
DATASHEET
NAME
REG OFFSET
(hex)
DESCRIPTION
Fan2
Preload
Register
Default = 0x00
on VTR POR
5C
(R/W)
Fan Preload Register 2
Bit[7:0] The FAN2 tachometer preload. This is the initial
value used in the computation of the FAN2 count.
Writing this register resets the tachometer count.
LED1
Default = 0x00
on VTR POR
5D
(R/W)
LED1
Bit[1:0] LED1 Control
00=off
01=blink at 1Hz rate with a 50% duty cycle (0.5 sec on,
0.5 sec off)
10=Blink at ½ HZ rate with a 25% duty cycle (0.5 sec on,
1.5 sec off)
11=on
Bits[7:2] Reserved
LED2
Default = 0x00
on VTR POR
5E
(R/W)
LED2
Bit[1:0] LED2 Control
00=off
01=blink at 1Hz rate with a 50% duty cycle (0.5 sec on,
0.5 sec off)
10=Blink at ½ HZ rate with a 25% duty cycle (0.5 sec on,
1.5 sec off)
11=on
Bits[7:2] Reserved
Keyboard
Scan
Code
Default = 0x00
on VTR POR
5F
(R/W)
Keyboard Scan Code
Bit[0] LSB of Scan Code
. . .
. . .
. . .
Bit[7] MSB of Scan Code
N/A
60-7F
(R)
Bits[7:0] Reserved – reads return 0
User Note:
When selecting an alternate function for a GPIO pin, all bits in the GPIO register must be properly
programmed, including in/out, polarity and output type. The polarity bit does not affect the DDRC function or the
either edge triggered interrupt functions.
User Note 1:
If this pin is used for Ring Indicator wakeup, either the nRI2 event can be enabled via bit 1 in the
PME_EN1 register or the GP50 PME event can be enabled via bit 0 in the PME_EN5 register.
User Note 2:
In order to use the P12, P16 and P17 functions, the corresponding GPIO must be programmed for
output, non-invert, and push-pull output type.
Note 1:
If the EETI function is selected for this GPIO then both a high-to-low and a low-to-high edge will set the PME,
SMI and MSC status bits.
Note 2:
The IRTX2 function can be used on this pin if the IR Location Mux bit in the Serial Port 2 IR Option register is
set.
Note 3:
These pins default to an output and LOW on VCC POR and PCI Reset.
Note 4:
If the FDC function is selected on this pin (nMTR1, nDS1, DRVDEN0, DRVDEN1) then bit 6 of the FDD
Mode Register (Configuration Register 0xF0 in Logical Device 0) will override bit 7 in the GPIO Control Register. Bit
7 of the FDD Mode Register will also affect the pin if the FDC function is selected.
Note 5:
The nIO_SMI pin is inactive when the internal group SMI signal is inactive and when the SMI enable bit
(EN_SMI, bit 7 of the SMI_EN2 register) is ‘0’. When the output buffer type is OD, nIO_SMI pin is floating when
inactive; when the output buffer type is push-pull, the nIO_SMI pin is high when inactive.
Note 6:
Bits 2 and 3 of the PME_STS4 and SMI_STS4 registers, and bit 3 of the PME_STS5 register may be set on
a VCC POR. If GP32, GP33 and GP53 are configured as input, then their corresponding PME and SMI status bits
will be set on a VCC POR. These GPIOs cannot be used for PME wakeup when the part is under VTR power
(VCC=0).
Note 7:
These bits are R/W but have no effect on circuit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com