Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 163 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 163 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 159Page - SMSC Corporation LPC47M192 Datasheet HTML 160Page - SMSC Corporation LPC47M192 Datasheet HTML 161Page - SMSC Corporation LPC47M192 Datasheet HTML 162Page - SMSC Corporation LPC47M192 Datasheet HTML 163Page - SMSC Corporation LPC47M192 Datasheet HTML 164Page - SMSC Corporation LPC47M192 Datasheet HTML 165Page - SMSC Corporation LPC47M192 Datasheet HTML 166Page - SMSC Corporation LPC47M192 Datasheet HTML 167Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 228 page
background image
SMSC DS – LPC47M192
Page 163
Rev. 03/30/05
DATASHEET
NAME
REG OFFSET
(hex)
DESCRIPTION
FAN1
Default=0x00
on VTR POR
56
(R/W)
FAN Register 1
Bit[0] Fan Control
1=FAN1 pin is high
0=bits[6:1] control the duty cycle of the
FAN1 pin.
Bit[6:1] Duty Cycle Control for FAN1
Control the duty cycle of the FAN1 pin
000000 = pin is low
100000 = 50% duty cycle
111111 = pin is high for 63, low for 1
Bit[7] Fan 1 Clock Select
This bit is used with the Fan 1 Clock Source Select and
the Fan 1 Clock Multiplier bits in the Fan Control register
(0x58) to determine the fan speed FOUT. See Table 56
in “Fan Speed Control and Monitoring” section.
The fan speed may be doubled through bit 2 of Fan
Control Register at 0x58.
FAN2
Default = 0x00
on VTR POR
57
(R/W)
FAN Register 2
Bit[0] Fan Control
1=FAN2 pin is high
0=bits[6:1] control the duty cycle of the
FAN2 pin.
Bit[6:1] Duty Cycle Control for FAN2
Control the duty cycle of the FAN2 pin
000000 = pin is low
100000 = 50% duty cycle
111111 = pin is high for 63, low for 1
Bit[7] Fan 2 Clock Select
This bit is used with the Fan 2 Clock Source Select and
the Fan 2 Clock Multiplier bits in the Fan Control register
(0x58) to determine the fan speed FOUT. See Table 56
in “Fan Speed Control and Monitoring” section.
The fan speed may be doubled through bit 3 of Fan
Control Register at 0x58.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com