Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 217 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 217 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 213Page - SMSC Corporation LPC47M192 Datasheet HTML 214Page - SMSC Corporation LPC47M192 Datasheet HTML 215Page - SMSC Corporation LPC47M192 Datasheet HTML 216Page - SMSC Corporation LPC47M192 Datasheet HTML 217Page - SMSC Corporation LPC47M192 Datasheet HTML 218Page - SMSC Corporation LPC47M192 Datasheet HTML 219Page - SMSC Corporation LPC47M192 Datasheet HTML 220Page - SMSC Corporation LPC47M192 Datasheet HTML 221Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 228 page
background image
SMSC DS – LPC47M192
Page 217
Rev. 03/30/05
DATASHEET
Data
Data
t1
Data
MIDI_Tx
Idle (No Data)
Idle (No Data)
Stop Bit
Start Bit
FIGURE 40 - MIDI DATA BYTE
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
MIDI Data Bit Time
31.7
32
32.3
µsec
Note: The MIDI bit clock is 31.25kHz +/- 1%
FIGURE 41 - FAN OUTPUT TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
PWM Period (Note 1)
0.021
25.5
msec
t2
PWM High Time (Note 2)
0.00033
25.1
msec
Note 1:
The period is 1/fout,where fout is programmed through the FANx and Fan Control registers. The tolerance on
fout is +/- 2%.
Note 2:
When Bit 0 of the FANx registers is 0, then the duty cycle is programmed through Bits[6:1] of these registers.
If Bits[6:1] = “000000” then the FANx pin is low. The duty cycle is programmable through Bits[6:1] to be between
1.56% and 98.44%. When Bit 0 is 1, the FANx pin is high.
t3
t1
t2
FAN_TACHx
FIGURE 42 - FAN TACHOMETER INTPUT TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Pulse Time (1/2 Revolution Time=30/RPM)
4tTACH
1
µsec
t2
Pulse High Time
3tTACH
1
µsec
t3
Pulse Low Time
tTACH
µsec
Note 1:
tTACH is the clock used for the tachometer counter. It is 30.52 * DVSR, where the divisor (DVSR) is
programmed in the Fan Control register.
t1
t2
FANx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com