Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 219 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 219 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 215Page - SMSC Corporation LPC47M192 Datasheet HTML 216Page - SMSC Corporation LPC47M192 Datasheet HTML 217Page - SMSC Corporation LPC47M192 Datasheet HTML 218Page - SMSC Corporation LPC47M192 Datasheet HTML 219Page - SMSC Corporation LPC47M192 Datasheet HTML 220Page - SMSC Corporation LPC47M192 Datasheet HTML 221Page - SMSC Corporation LPC47M192 Datasheet HTML 222Page - SMSC Corporation LPC47M192 Datasheet HTML 223Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 228 page
background image
SMSC DS – LPC47M192
Page 219
Rev. 03/30/05
DATASHEET
SMBus Timing
P
t
BUF
t
R
t
HD;STA
P
S
S
t
HD;STA
t
LOW
t
HD;DAT
t
HIGH
t
F
t
SU;DAT
t
SU;STA
t
SU;STO
SCLK
SDA
FIGURE 44 – SMBUS TIMING
SYMBOL
PARAMETER
LIMITS
UNITS
COMMENTS
MIN
MAX
FSMB
SMB Operating Frequency
10
400
kHz
Note 1
TSP
Spike Suppression
50
ns
Note 2
TBUF
Bus free time between Stop and Start
Condition
1.3
µs
THD:STA
Hold time after (Repeated) Start
Condition. After this period, the first
clock is generated.
0.6
µs
TSU:STA
Repeated Start Condition setup time
0.6
µs
TSU:STO
Stop Condition setup time
0.6
µs
THD:DAT
Data hold time
0.3
0.9
µs
TSU:DAT
Data setup time
100
ns
Note 3
TLOW
Clock low period
1.3
µs
THIGH
Clock high period
0.6
µs
TF
Clock/Data Fall Time
20+0.1Cb
300
ns
TR
Clock/Data Rise Time
20+0.1Cb
300
ns
Cb
Capacitive load for each bus line
400
pF
Note 1:
The SMBus timing (e.g., max clock frequency of 400kHz) specified exceeds that specified in the System
Management Bus Specification, Rev 1.1. This corresponds to the maximum clock frequency for fast mode
devices on the I
2C bus. See “The I2C Bus Specification,” version 2.0, Dec. 1998.
Note 2:
At 400kHz, spikes of a maximum pulse width of 50ns must be suppressed by the input filter.
Note 3:
If using 100 kHz clock frequency, the next data bit output to the SDA line will be 1250 ns (1000 ns (TR max)
+ 250 ns (TSU:DAT min) @ 100 kHz) before the SCLK line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com