Electronic Components Datasheet Search
  English  ▼

X  

LPC47M192 Datasheet(PDF) 224 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 224 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 220Page - SMSC Corporation LPC47M192 Datasheet HTML 221Page - SMSC Corporation LPC47M192 Datasheet HTML 222Page - SMSC Corporation LPC47M192 Datasheet HTML 223Page - SMSC Corporation LPC47M192 Datasheet HTML 224Page - SMSC Corporation LPC47M192 Datasheet HTML 225Page - SMSC Corporation LPC47M192 Datasheet HTML 226Page - SMSC Corporation LPC47M192 Datasheet HTML 227Page - SMSC Corporation LPC47M192 Datasheet HTML 228Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 224 / 228 page
background image
SMSC DS – LPC47M192
Page 224
Rev. 03/30/05
DATASHEET
To put the chip in the first XNOR chain test mode, tie LAD0 (pin 20) and LFRAME# (pin 24) low. Then toggle
PCI_RESET# (pin 26) from a low to a high state. Once the chip is put into XNOR chain test mode, LAD0 (pin 20) and
LFRAME# (pin 24) become part of the chain.
To exit the first XNOR chain test mode tie LAD0 (pin 20) or LFRAME# (pin 24) high. Then toggle PCI_RESET# (pin
26) from a low to a high state. A VCC POR will also cause the XNOR chain test mode to be exited. To verify the test
mode has been exited, observe the output at TXD1 (pin 85). Toggling any of the input pins in the chain should not
cause its state to change.
Setup of Super I/O XNOR Chain
Warning:
Ensure power supply is off during setup.
1.
Connect VSS (pins 7, 31, 60, & 76) and AVSS (pin 40) to ground.
2.
Connect VCC (pins 53, 65, & 93), VTR (pin 18), and VREF (pin 44) to VCC (3.3V).
3.
Connect an oscilloscope or voltmeter to TXD1 (pin 85).
4.
All other pins should be tied to ground.
Testing
1.
Turn power on.
2.
With LAD0 (pin 20) and LFRAME# (pin 24), low, bring PCI_RESET# (pin 26) high. The chip is now in XNOR
chain test mode. At this point, all inputs to the first XNOR chain are low. The output, on TXD1 (pin 85),
should also be low. Refer to INITIAL CONFIG on TRUTH TABLE 1.
3.
Bring pin 100 high. The output on TXD1 (pin 85) should go high. Refer to STEP ONE on TRUTH TABLE 1.
4.
In descending pin order, bring each input high. The output should switch states each time an input is
toggled. Continue until all inputs are high. The output on TXD1 should now be low. Refer to END CONFIG
on TRUTH TABLE 1.
5.
The current state of the chip is now represented by INITIAL CONFIG in TRUTH TABLE 2.
6.
Each input should now be brought low, starting at pin one and continuing in ascending order. Continue until
all inputs are low. The output on TXD1 should now be low. Refer to TRUTH TABLE 2.
7.
To exit test mode, tie LAD0 (pin 20) OR LFRAME# (pin 24) high, and toggle PCI_RESET# from a low to a
high state.
TRUTH TABLE 1 - Toggling Inputs in Descending Order
PIN
100
PIN
99
PIN
98
PIN
97
PIN 96
PIN ...
PIN 1
OUTPUT
PIN 85
INITIAL CONFIG
L
L
L
L
L
L
L
L
STEP 1
H
L
L
L
L
L
L
H
STEP 2
H
H
L
L
L
L
L
L
STEP 3
H
H
H
L
L
L
L
H
STEP 4
H
H
H
H
L
L
L
L
STEP 5
H
H
H
H
H
L
L
H
…
…
…
…
…
…
…
…
…
STEP N
H
H
H
H
H
H
L
H
END CONFIG
H
H
H
H
H
H
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com