Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 30Page - NXP Semiconductors SC16C652B Datasheet HTML 31Page - NXP Semiconductors SC16C652B Datasheet HTML 32Page - NXP Semiconductors SC16C652B Datasheet HTML 33Page - NXP Semiconductors SC16C652B Datasheet HTML 34Page - NXP Semiconductors SC16C652B Datasheet HTML 35Page - NXP Semiconductors SC16C652B Datasheet HTML 36Page - NXP Semiconductors SC16C652B Datasheet HTML 37Page - NXP Semiconductors SC16C652B Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
34 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 12. Receive ready timing in FIFO mode.
D0
D1
D2
D3
D4
D5
D6
D7
ACTIVE
DATA
READY
ACTIVE
002aaa579
t26d
STOP
BIT
PARITY
BIT
START
BIT
t25d
RX
RXRDY
IOR
DATA BITS (5–8)
FIRST BYTE THAT
REACHES THE
TRIGGER LEVEL
Fig 13. Transmit timing.
active
transmitter ready
active
16 baud rate clock
002aaa116
t24d
INT
IOW
active
D0
D1
D2
D3
D4
D5
D6
D7
TX
5 data bits
6 data bits
7 data bits
stop
bit
parity
bit
start
bit
data bits (0 to 7)
next
data
start
bit
t22d
t23d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com