Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 19Page - NXP Semiconductors SC16C652B Datasheet HTML 20Page - NXP Semiconductors SC16C652B Datasheet HTML 21Page - NXP Semiconductors SC16C652B Datasheet HTML 22Page - NXP Semiconductors SC16C652B Datasheet HTML 23Page - NXP Semiconductors SC16C652B Datasheet HTML 24Page - NXP Semiconductors SC16C652B Datasheet HTML 25Page - NXP Semiconductors SC16C652B Datasheet HTML 26Page - NXP Semiconductors SC16C652B Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
23 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.6 Modem Control Register (MCR)
This register controls the interface with the modem or a peripheral device.
Table 20:
Modem Control Register bits description
Bit
Symbol
Description
7
MCR[7]
Clock select
Logic 0 = Divide by 1 clock input.
Logic 1 = Divide by 4 clock input.
6
MCR[6]
IR enable (see Figure 17).
Logic 0 = Enable the standard modem receive and transmit
input/output interface (normal default condition).
Logic 1 = Enable infrared IrDA receive and transmit inputs/outputs.
While in this mode, the TX/RX output/inputs are routed to the
infrared encoder/decoder. The data input and output levels will
conform to the IrDA infrared interface requirement. As such, while
in this mode, the infrared TX output will be a logic 0 during idle data
conditions.
5
MCR[5]
Reserved; set to ‘0’.
4
MCR[4]
Loop-back. Enable the local loop-back mode (diagnostics). In this
mode the transmitter output (TX) and the receiver input (RX), CTS,
DSR, CD, and RI are disconnected from the SC16C652B I/O pins.
Internally the modem data and control pins are connected into a
loop-back data configuration (see Figure 5). In this mode, the receiver
and transmitter interrupts remain fully operational. The Modem
Control Interrupts are also operational, but the interrupts’ sources are
switched to the lower four bits of the Modem Control. Interrupts
continue to be controlled by the IER register.
Logic 0 = Disable loop-back mode (normal default condition).
Logic 1 = Enable local loop-back mode (diagnostics).
3
MCR[3]
OP2/INT enable
Logic0=Forces INT (A-B) outputs to the 3-State mode and sets
OP2 to a logic 1 (normal default condition).
Logic1=Forces the INT (A-B outputs to the active mode and sets
OP2 to a logic 0.
2
MCR[2]
(OP1). OP1A/OP1B are not available as an external signal in the
SC16C652B. This bit is instead used in the Loop-back mode only. In
the loop-back mode, this bit is used to write the state of the modem RI
interface signal.
1
MCR[1]
RTS
Logic 0 = Force RTS output to a logic 1 (normal default condition).
Logic1=Force RTS output to a logic 0.
0
MCR[0]
DTR
Logic 0 = Force DTR output to a logic 1 (normal default condition).
Logic1=Force DTR output to a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com