Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 26Page - NXP Semiconductors SC16C652B Datasheet HTML 27Page - NXP Semiconductors SC16C652B Datasheet HTML 28Page - NXP Semiconductors SC16C652B Datasheet HTML 29Page - NXP Semiconductors SC16C652B Datasheet HTML 30Page - NXP Semiconductors SC16C652B Datasheet HTML 31Page - NXP Semiconductors SC16C652B Datasheet HTML 32Page - NXP Semiconductors SC16C652B Datasheet HTML 33Page - NXP Semiconductors SC16C652B Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
30 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
10. Dynamic characteristics
[1]
Applies to external clock, crystal oscillator max 24 MHz.
Table 29:
AC electrical characteristics
Tamb = −40 °C to +85 °C; VCC = 2.5 V, 3.3 V or 5.0 V ±10%, unless otherwise specified.
Symbol
Parameter
Conditions
2.5 V
3.3 V
5.0 V
Unit
Min
Max
Min
Max
Min
Max
t1w, t2w
clock pulse duration
10
-
6
-
6
-
ns
t3w
oscillator/clock frequency
[1]
-
48
-
80
80
MHz
t6s
address set-up time
0
-
0
-
0
-
ns
t6h
address hold time
0
-
0
-
0
-
ns
t7d
IOR delay from chip select
10
-
10
-
10
-
ns
t7w
IOR strobe width
25 pF load
77
-
26
-
23
-
ns
t7h
chip select hold time from IOR
0
-
0
-
0
-
ns
t9d
read cycle delay
25 pF load
20
-
20
-
20
-
ns
t12d
delay from IOR to data
25 pF load
-
77
-
26
-
23
ns
t12h
data disable time
25 pF load
-
15
-
15
-
15
ns
t13d
IOW delay from chip select
10
-
10
-
10
-
ns
t13w
IOW strobe width
20
-
20
-
15
-
ns
t13h
chip select hold time from IOW0
-
0
-
0
-
ns
t15d
write cycle delay
25
-
25
-
20
-
ns
t16s
data set-up time
20
-
20
-
15
-
ns
t16h
data hold time
15
-
5
-
5
-
ns
t17d
delay from IOW to output
25 pF load
-
100
-
33
-
29
ns
t18d
delay to set interrupt from Modem input 25 pF load
-
100
-
24
-
23
ns
t19d
delay to reset interrupt from IOR
25 pF load
-
100
-
24
-
23
ns
t20d
delay from stop to set interrupt
-
1
-
1
-
1
Rclk
t21d
delay from IOR to reset interrupt
25 pF load
-
100
-
29
-
28
ns
t22d
delay from start to set interrupt
-
100
-
45
-
40
ns
t23d
delay from IOW to transmit start
8
24
8
24
8
24
Rclk
t24d
delay from IOW to reset interrupt
-
100
-
45
-
40
ns
t25d
delay from stop to set RXRDY-
1
-
1
-
1
Rclk
t26d
delay from IOR to reset RXRDY
-
100
-
45
-
40
ns
t27d
delay from IOW to set TXRDY
-
100
-
45
-
40
ns
t28d
delay from start to reset TXRDY-
8
-
8
-
8
Rclk
tRESET
Reset pulse width
200
-
40
-
40
-
ns
N
baud rate divisor
1
216
− 11
216
− 11
216
− 1Rclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com