Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 12Page - NXP Semiconductors SC16C652B Datasheet HTML 13Page - NXP Semiconductors SC16C652B Datasheet HTML 14Page - NXP Semiconductors SC16C652B Datasheet HTML 15Page - NXP Semiconductors SC16C652B Datasheet HTML 16Page - NXP Semiconductors SC16C652B Datasheet HTML 17Page - NXP Semiconductors SC16C652B Datasheet HTML 18Page - NXP Semiconductors SC16C652B Datasheet HTML 19Page - NXP Semiconductors SC16C652B Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
16 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.1 Transmit (THR) and Receive (RHR) Holding Registers
The serial transmitter section consists of an 8-bit Transmit Hold Register (THR) and
Transmit Shift Register (TSR). The status of the THR is provided in the Line Status
Register (LSR). Writing to the THR transfers the contents of the data bus (D7-D0) to
the TSR and UART via the THR, providing that the THR is empty. The THR empty
flag in the LSR register will be set to a logic 1 when the transmitter is empty or when
data is transferred to the TSR. Note that a write operation can be performed when the
THR empty flag is set (logic 0 = at least one byte in FIFO/THR, logic 1 = FIFO/THR
empty).
The serial receive section also contains an 8-bit Receive Holding Register (RHR) and
a Receive Serial Shift Register (RSR). Receive data is removed from the
SC16C652B and receive FIFO by reading the RHR register. The receive section
provides a mechanism to prevent false starts. On the falling edge of a start or false
start bit, an internal receiver counter starts counting clocks at the 16
× clock rate. After
7-1
⁄
2 clocks, the start bit time should be shifted to the center of the start bit. At this
time the start bit is sampled, and if it is still a logic 0 it is validated. Evaluating the start
bit in this manner prevents the receiver from assembling a false character. Receiver
status codes will be posted in the LSR.
7.2 Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) masks the interrupts from receiver ready,
transmitter empty, line status and modem status registers. These interrupts would
normally be seen on the INTA, INTB output pins.
Table 10:
Interrupt Enable Register bits description
Bit
Symbol
Description
7
IER[7]
CTS interrupt.
Logic 0 = Disable the CTS interrupt (normal default condition).
Logic 1 = Enable the CTS interrupt. The SC16C652B issues an
interrupt when the CTS pin transitions from a logic 0 to a logic 1.
6
IER[6]
RTS interrupt.
Logic 0 = Disable the RTS interrupt (normal default condition).
Logic 1 = Enable the RTS interrupt. The SC16C652B issues an
interrupt when the RTS pin transitions from a logic 0 to a logic 1.
5
IER[5]
Xoff interrupt.
Logic 0 = Disable the software flow control, receive Xoff interrupt
(normal default condition).
Logic 1 = Enable the software flow control, receive Xoff
interrupt.
4
IER[4]
Sleep mode.
Logic 0 = Disable sleep mode (normal default condition).
Logic 1 = Enable sleep mode.
3
IER[3]
Modem Status Interrupt. This interrupt will be issued whenever
there is a modem status change as reflected in MSR[0:3].
Logic 0 = Disable the modem status register interrupt (normal
default condition).
Logic 1 = Enable the modem status register interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com