Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 28Page - NXP Semiconductors SC16C652B Datasheet HTML 29Page - NXP Semiconductors SC16C652B Datasheet HTML 30Page - NXP Semiconductors SC16C652B Datasheet HTML 31Page - NXP Semiconductors SC16C652B Datasheet HTML 32Page - NXP Semiconductors SC16C652B Datasheet HTML 33Page - NXP Semiconductors SC16C652B Datasheet HTML 34Page - NXP Semiconductors SC16C652B Datasheet HTML 35Page - NXP Semiconductors SC16C652B Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
32 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 8.
Modem input/output timing.
t17d
change of state
t18d
t18d
t19d
002aaa352
t18d
change of state
change of state
change of state
active
active
active
active
active
active
active
change of state
RTS
DTR
IOW
CD
CTS
DSR
INT
IOR
RI
Fig 9.
External clock timing.
EXTERNAL
CLOCK
002aaa112
t3w
t2w
t1w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com