Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 5 Page - NXP Semiconductors

  SC16C652B Datasheet HTML 1Page - NXP Semiconductors SC16C652B Datasheet HTML 2Page - NXP Semiconductors SC16C652B Datasheet HTML 3Page - NXP Semiconductors SC16C652B Datasheet HTML 4Page - NXP Semiconductors SC16C652B Datasheet HTML 5Page - NXP Semiconductors SC16C652B Datasheet HTML 6Page - NXP Semiconductors SC16C652B Datasheet HTML 7Page - NXP Semiconductors SC16C652B Datasheet HTML 8Page - NXP Semiconductors SC16C652B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
5 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.2 Pin description
Table 2:
Pin description
Symbol
Pin
Type Description
LQFP48 HVQFN32
A0
28
19
I
Address 0 select bit. Internal register address selection.
A1
27
18
I
Address 1 select bit. Internal register address selection.
A2
26
17
I
Address 2 select bit. Internal register address selection.
CSA,
CSB
10, 11
8, 9
I
Chip Select A, B (Active-LOW). This function is associated with individual
channels, A through B. These pins enable data transfers between the user CPU
and the SC16C652B for the channel(s) addressed. Individual UART sections (A,
B) are addressed by providing a logic 0 on the respective CSA, CSB pin.
D0-D7
44-48,
1-3
27-32, 1-2 I/O
Data bus (bi-directional). These pins are the 8-bit, 3-State data bus for
transferring information to or from the controlling CPU. D0 is the least significant
bit and the first data bit in a transmit or receive serial data stream.
GND
17
13
I
Signal and power ground.
INTA,
INTB
30, 29
21, 20
O
Interrupt A, B (3-State). This function is associated with individual channel
interrupts, INTA, INTB. INTA, INTB are enabled when MCR bit 3 is set to a logic 1,
interrupts are enabled in the interrupt enable register (IER), and is active when an
interrupt condition exists. Interrupt conditions include: receiver errors, available
receiver buffer data, transmit buffer empty, or when a modem status flag is
detected.
IOR
19
14
I
Read strobe (Active-LOW strobe). A logic 0 transition on this pin will load the
contents of an internal register defined by address bits A0-A2 onto the
SC16C652B data bus (D0-D7) for access by external CPU.
IOW15
12
I
Write strobe (Active-LOW strobe). A logic 0 transition on this pin will transfer the
contents of the data bus (D0-D7) from the external CPU to an internal register that
is defined by address bits A0-A2.
OP2A,
OP2B
32, 9
22, 7
O
Output 2 (user-defined). This function is associated with individual channels, A
through B. The state at these pin(s) are defined by the user and through MCR
register bit 3. INTA, INTB are set to the active mode and OP2 to logic 0 when
MCR[3] is set to a logic 1. INTA, INTB are set to the 3-State mode and OP2 to a
logic 1 when MCR[3] is set to a logic 0. See bit 3, Modem Control Register
(MCR[3]). Since these bits control both the INTA, INTB operation and OP2
outputs, only one function should be used at one time, INT or OP2.
RESET
36
24
I
Reset (Active-HIGH). A logic 1 on this pin will reset the internal registers and all
the outputs. The UART transmitter output and the receiver input will be disabled
during reset time. (See Section 7.11 “SC16C652B external reset condition” for
initialization details.)
RXRDYA,
RXRDYB
31, 18
-
O
Receive Ready A, B (Active-LOW). This function provides the RX FIFO/RHR
status for individual receive channels (A-B). RXRDYn is primarily intended for
monitoring DMA mode 1 transfers for the receive data FIFOs. A logic 0 indicates
there is a receive data to read/upload, i.e., receive ready status with one or more
RX characters available in the FIFO/RHR. This pin is a logic 1 when the
FIFO/RHR is empty or when the programmed trigger level has not been reached.
This signal can also be used for single mode transfers (DMA mode 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com