Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 24Page - NXP Semiconductors SC16C652B Datasheet HTML 25Page - NXP Semiconductors SC16C652B Datasheet HTML 26Page - NXP Semiconductors SC16C652B Datasheet HTML 27Page - NXP Semiconductors SC16C652B Datasheet HTML 28Page - NXP Semiconductors SC16C652B Datasheet HTML 29Page - NXP Semiconductors SC16C652B Datasheet HTML 30Page - NXP Semiconductors SC16C652B Datasheet HTML 31Page - NXP Semiconductors SC16C652B Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
28 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.11 SC16C652B external reset condition
8.
Limiting values
Table 25:
Reset state for registers
Register
Reset state
IER
IER[7:0] = 0
FCR
FCR[7:0] = 0
ISR
ISR[7:1] = 0; ISR[0] = 1
LCR
LCR[7:0] = 0
MCR
MCR[7:0] = 0
LSR
LSR[7] = 0; LSR[6:5] = 1; LSR[4:0] = 0
MSR
MSR[7:4] = input signals; MSR[3:0] = 0
SPR
SFR[7:0] = 1
DLL
DLL[7:0] = X
DLM
DLM[7:0] = X
Table 26:
Reset state for outputs
Output
Reset state
TXA, TXB
Logic 1
OP2A, OP2B
Logic 1
RTSA, RTSB
Logic 1
DTRA, DTRB
Logic 1
INTA, INTB
3-State condition
Table 27:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-
7
V
Vn
voltage at any pin
GND
− 0.3
VCC + 0.3
V
Tamb
operating temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Ptot(pack)
total power dissipation
per package
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com