Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 4 Page - NXP Semiconductors

  SC16C652B Datasheet HTML 1Page - NXP Semiconductors SC16C652B Datasheet HTML 2Page - NXP Semiconductors SC16C652B Datasheet HTML 3Page - NXP Semiconductors SC16C652B Datasheet HTML 4Page - NXP Semiconductors SC16C652B Datasheet HTML 5Page - NXP Semiconductors SC16C652B Datasheet HTML 6Page - NXP Semiconductors SC16C652B Datasheet HTML 7Page - NXP Semiconductors SC16C652B Datasheet HTML 8Page - NXP Semiconductors SC16C652B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
4 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.
Pinning information
5.1 Pinning
Fig 2.
LQFP48 pin configuration.
Fig 3.
HVQFN32 pin configuration (transparent top view).
SC16C652BIB48
002aaa593
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
D5
D6
D7
RXB
RXA
TXRDYB
TXA
TXB
OP2B
CSA
CSB
N.C.
RESET
DTRB
DTRA
RTSA
OP2A
RXRDYA
INTA
INTB
A0
A1
A2
N.C.
002aaa865
SC16C652BIBS
(top view)
A2
OP2B
CSA
A1
TXB
A0
TXA
INTB
RXA
INTA
RXB
OP2A
D7
RTSA
D6
RESET
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com