Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 3Page - NXP Semiconductors SC16C652B Datasheet HTML 4Page - NXP Semiconductors SC16C652B Datasheet HTML 5Page - NXP Semiconductors SC16C652B Datasheet HTML 6Page - NXP Semiconductors SC16C652B Datasheet HTML 7Page - NXP Semiconductors SC16C652B Datasheet HTML 8Page - NXP Semiconductors SC16C652B Datasheet HTML 9Page - NXP Semiconductors SC16C652B Datasheet HTML 10Page - NXP Semiconductors SC16C652B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
7 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
RTSA,
RTSB
33, 22
23, 15
O
Request to Send (Active-LOW). These outputs are associated with individual
UART channels, A through B. A logic 0 on the RTS pin indicates the transmitter
has data ready and waiting to send. Writing a logic 1 in the modem control register
MCR[1] will set this pin to a logic 0, indicating data is available. After a reset this
pin will be set to a logic 1. This pin has no effect on the UART’s transmit or receive
operation.
RXA,
RXB
5, 4
4, 3
I
Receive data A, B. These inputs are associated with individual serial channel
data to the SC16C652B receive input circuits, A-B. The RX signal will be a logic 1
during reset, idle (no data), or when the transmitter is disabled. During the local
loop-back mode, the RX input pin is disabled and TX data is connected to the
UART RX input, internally.
TXA, TXB 7, 8
5, 6
O
Transmit data A, B. These outputs are associated with individual serial transmit
channel data from the SC16C652B. The TX signal will be a logic 1 during reset,
idle (no data), or when the transmitter is disabled. During the local loop-back
mode, the TX output pin is disabled and TX data is internally connected to the
UART RX input.
Table 2:
Pin description…continued
Symbol
Pin
Type Description
LQFP48 HVQFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com