Electronic Components Datasheet Search
  English  ▼

X  

SC16C652B Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 21Page - NXP Semiconductors SC16C652B Datasheet HTML 22Page - NXP Semiconductors SC16C652B Datasheet HTML 23Page - NXP Semiconductors SC16C652B Datasheet HTML 24Page - NXP Semiconductors SC16C652B Datasheet HTML 25Page - NXP Semiconductors SC16C652B Datasheet HTML 26Page - NXP Semiconductors SC16C652B Datasheet HTML 27Page - NXP Semiconductors SC16C652B Datasheet HTML 28Page - NXP Semiconductors SC16C652B Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
25 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.8 Modem Status Register (MSR)
This register provides the current state of the control interface signals from the
modem, or other peripheral device to which the SC16C652B is connected. Four bits
of this register are used to indicate the changed information. These bits are set to a
logic 1 whenever a control input from the modem changes state. These bits are set to
a logic 0 whenever the CPU reads this register.
1
LSR[1]
Overrun error.
Logic 0 = No overrun error (normal default condition).
Logic1=Overrun error. A data overrun error occurred in the
receive shift register. This happens when additional data arrives
while the FIFO is full. In this case, the previous data in the shift
register is overwritten. Note that under this condition, the data
byte in the receive shift register is not transferred into the FIFO,
therefore the data in the FIFO is not corrupted by the error.
0
LSR[0]
Receive data ready.
Logic 0 = No data in receive holding register or FIFO (normal
default condition).
Logic 1 = Data has been received and is saved in the receive
holding register or FIFO.
Table 21:
Line Status Register bits description…continued
Bit
Symbol
Description
Table 22:
Modem Status Register bits description
Bit
Symbol
Description
7
MSR[7]
CD. During normal operation, this bit is the complement of the CD
input. Reading this bit in the loop-back mode produces the state of
MCR[3] (OP2).
6
MSR[6]
RI. During normal operation, this bit is the complement of the RI
input. Reading this bit in the loop-back mode produces the state of
MCR[2] (OP1).
5
MSR[5]
DSR. During normal operation, this bit is the complement of the
DSR input. During the loop-back mode, this bit is equivalent to
MCR[0] (DTR).
4
MSR[4]
CTS. During normal operation, this bit is the complement of the
CTS input. During the loop-back mode, this bit is equivalent to
MCR[1] (RTS).
3
MSR[3]
∆CD [1]
Logic 0 = No CD change (normal default condition).
Logic 1 = The CD input to the SC16C652B has changed state
since the last time it was read. A modem Status Interrupt will be
generated.
2
MSR[2]
∆RI [1]
Logic 0 = No RI change (normal default condition).
Logic 1 = The RI input to the SC16C652B has changed from a
logic 0 to a logic 1. A modem Status Interrupt will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com