Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 13Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
10
AC Test Conditions
Table 4. AC Test Conditions
25 MHz
Symbol
Parameter
Min
Typ
Max
Unit
FSCK
SCK Clock Frequency
D.C.
25
MHz
tCRT
Clock Rise Time (Slew Rate)
0.1
V/ns
tCFT
Clock Fall Time (Slew Rate)
0.1
V/ns
tWH
SCK High Time
18
ns
tWL
SCK Low Time
18
ns
tCS
CSb High Time
100
ns
tCSS
**
CSb Setup Time
10
ns
tCSH
**
CSb HOLD Time
10
ns
tHD
**
HOLDb Setup Time
10
ns
tCD
**
HOLDb Hold Time
10
ns
tV
Output Valid
0
15
ns
tHO
Output Hold Time
0
ns
tHD:DAT
Data in Hold Time
5
ns
tSU:DAT
Data in Setup Time
5
ns
tLZ
**
HOLDb to Output Low Z
15
ns
tHZ
**
HOLDb to Output High Z
20
ns
tDIS
**
Output Disable Time
15
ns
tWPS
**
Write Protect Setup Time
20
ns
tWPH
**
Write Protect Hold Time
100
ns
tPP*
256-byte Page Programming
8
10
ms
tEP*
Page Erase and
Programming
10
15
ms
tPE
Page Erase Time
3
6
ms
tSE
Sector Erase Time
0.5
0.8
sec
tBE
Bulk Erase Time
2
3
sec
tRES
Release SP Mode
1000
ns
Endurance
100K
Erase cycles
* 256 bytes in the checkerboard programming formation.
** Value guaranteed by characterization, not 100% tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37