Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 27Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 28Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 29Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 30Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 31Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 32Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 33Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 34Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
31
Release from Software Protect
(RES)
Once the device has entered SP mode, all
instructions are ignored except the RES
mode.
Any RES instruction executed while an
Erase, Program or Write Status Register
cycle is in progress is not decoded, and
has no effect on the cycle that is in
progress.
The device is first selected by driving CSb
low, followed by an 8-bit instruction byte,
with each bit being latched in on SI during
the rising edge of SCK.
Driving CSb high after the 8-bit instruction
byte has been received by the device, but
before the whole of the 8-bit Electronic
Signature has been transmitted for the first
time (as shown in Figure 21), will still
ensure that the device is put into Standby
mode. The transition to Standby mode is
delayed by tRES, and CSb must remain high
for at least tRES(max), as specified in
Table 4 on page 10. Once in Standby
mode, the device waits to be selected, so
that it can receive, decode and execute
instructions.
1
3
27
6
5
4
0
Instruction
SCK
SI
t
RES
Software Protect Mode
Standby Mode
CS
Figure 21. Release from Software Protect (RES) Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com