Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 25Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 26Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 27Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 28Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 29Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 30Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 31Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 32Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
29
Bulk Erase (BE)
The BE instruction sets all bits in the
memory array to 1. Before it can be
executed, two separate instructions must
be carried out. The device must first be
write enabled via the WREN instruction,
and then a BE sequence, which consists of
four bytes plus data, may be executed. The
address of the memory locations to be
written must be outside the protected
address field location selected by the Block
Write Protection level. During an internal
BE cycle, all commands are ignored except
the RDSR instruction.
A BE instruction requires the following
sequence:
1. After the CSb line is pulled low to
select the device, the BE opcode is
transmitted via the SI line.
2. Erasing begins after the CSb pin is
brought
high.
The
CSb
pin's
low-to-high transition must occur
during
the
SCK
low
time,
immediately after the clock in the
last opcode bit.
As soon as CSb is driven high, the
self-timed BE cycle (whose duration is
defined as TBE) is initiated. While the BE
cycle is in progress, the status register may
be read to check the value of the /RDY bit.
The /RDY bit is 1 during the self-timed BE
cycle, and 0 when it is completed. The
WEN bit is reset at some unspecified time
before the cycle is completed. The
instruction sequence is shown in Figure 19.
The SA25F020 is automatically returned to
the Write Disable state at the completion of
a BE cycle.
NOTES:
1. If the device is not write enabled,
the
device
ignores
the
BE
instruction and returns to the
standby state when CSb is brought
high. A new CSb falling edge is
required to re-initiate the serial
communication.
2. A BE instruction can be applied
only if both Block Protect (BP1,
BP0) bits (as described in Table 8,
page 18, and Table 9, page 21)
are 0.
3
27
6
5
4
0
Instruction
SCK
SI
1
CS
Figure 19. Bulk Erase (BE) Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com