Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 16Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 17Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 18Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 19Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 20Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 21Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 22Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 23Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
20
Write Enable (WREN)
The device powers up in the Write Disable
state when VCC is applied. All programming
instructions must be preceded by a WREN
instruction. The instruction sequence is
shown in Figure 11, with SO in high
impedance.
Write Disable (WRDI)
To protect the device against inadvertent
writes, the WRDI instruction disables all
programming
modes.
The
WRDI
instruction is independent of the WP pin's
status. The WREN instruction should be
executed after the WRDI instruction to
re-enable all programming modes. The
instruction sequence is shown in Figure 12,
with SO in high impedance.
3
27
6
5
4
0
Instruction
SCK
SI
1
CS
Figure 11. Write Enable (WREN) Instruction Sequence
3
27
6
5
4
0
Instruction
SCK
SI
1
CS
Figure 12. Write Disable (WRDI) Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com