Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 14Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 15Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 16Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 17Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 18Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 19Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 20Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 21Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
18
In addition to the instruction register, the
device also contains an 8-bit status register
that can be accessed by RDSR and WRSR
instructions. The byte defines the Block
Write Protection (BP1 and BP0) levels,
Write Enable (WEN) status, Busy/Rdy
(/RDY) status and Hardware Write Protect
(WPBEN) status of the device. Table 7
illustrates the format of the status register.
Table 7. Status Register Format
Bit 7
Bit 6 Bit 5 Bit 4 Bit 3
Bit 2
Bit1 Bit 0
WPBEN
X
X
X
BP1 BP0 WEN /RDY
Read Status Register (RDSR)
The RDSR instruction provides read
access
to
the
status
register.
The
BUSY/RDY and WREN statuses of the
device can also be determined by this
instruction. In addition, the Block Write
Protection bits indicate the extent of
protection employed. In order to determine
the status of the device, the value of the
/RDY bit can be continuously polled before
sending any write instruction.
Table 8. Read Status Register Definition
Bit
Definition
Bit 0 (/RDY)
Bit 0 = 0 (/RDY) indicates that the
device is READY.
Bit 0 = 1 indicates that a write
cycle is in progress.
Bit 1 (WEN)
Bit 1 = 0 indicates that the device
is not write enabled.
Bit 1 = 1 indicates that the device
is write enabled.
Bit 2 (BP0)
Block Write Protect Bit 0
Bit 3 (BP1)
Block Write Protect Bit 1
Bit 7
(WPBEN)
Write Protect Mode Enable Bit
Bit 7 (WPBEN) is Hardware Write Protect
mode. If this bit is a 1, this mode is enabled
and the status register is write protected.
Bits 6 through 4 are always 0.
Bit 3 (BP1) and Bit 2 (BP0) together
indicate a Block Write Protection previously
sent to the device.
Bits 0 and 1 are 1 during an internal write
cycle.
Bit 1 (WEN) indicates the Write Enable
status of the device. This bit is read by
executing an RDSR instruction. If this bit is
1, the device is write enabled; if it is 0, it is
write disabled.
Bit 0 (/RDY) indicates the Busy/Ready
status of the device. This bit is a read-only
bit and is read by executing an RDSR
instruction. If this bit is 1, the device is busy
doing a Program or Erase cycle; if it is 0,
the device is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com