Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 13Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 14Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 15Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 16Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 17Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 18Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 19Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
16
Write Protect
The WPb pin enables write operations to
the status register when held high. When
the WPb pin is brought low and the
WPBEN bit is 1, all write operations to the
status register are inhibited (for more
details, refer to Table 10, page 21). If WPb
goes low while CSb is still low, the write to
the status register is interrupted. If the
internal write cycle has already been
initiated, WPb going low has no effect on
any write operations to the status register.
The WPb pin function is blocked when the
WPBEN bit in the status register is 0,
which enables the user to install the
SA25F020 in a system with the WPb pin
tied to ground but still able to write to the
status register. All WPb pin functions are
enabled when the WPBEN bit is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com