Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 29Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 30Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 31Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 32Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 33Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 34Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 35Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 36Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 37Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
37
Contact Information
International Headquarters
United States
Saifun Semiconductors Ltd.
ELROD Building
45 Hamelach St.
Sappir Industrial Park
Netanya 42504
Israel
Tel.: +972-9-892-8444
Fax: +972-9-892-8445
Saifun Semiconductors Inc.
2350 Mission College Blvd.
Suite 1070
Santa Clara, CA 95054
U.S.A.
Tel: +1-408-982-5888
Fax: +1-408-982-5890
Email: tech_support@saifun.com
http://www.saifun.com
Revision History
Rev
Date
Description of Change
0.0
26-May-03
Initial Release
1.0
24-Jul-03
Modified Ordering Information
© Saifun Semiconductors Ltd. 2003
Saifun reserves the right, without notice, to change any of the products described in this guide, in order to improve
functionality, reliability or design. Saifun assumes no liability arising from the application or use of any product described in
this guide; and under its patent rights, gives no authorization for the use of this product or associated products. The Buyer
will not hold Saifun responsible for direct or indirect damages and expenses, as well as any claim of injury or death,
associated with the unauthorized use, including claims of manufacture or design negligence.
Saifun and Saifun NROM are trademarks or registered trademarks of Saifun Semiconductors Ltd.
Other company and brand products and service names are trademarks or registered trademarks of their respective holders.
Life Support Policy
Saifun's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Saifun Semiconductors Ltd. As used herein:
1.
Life support devices or systems are devices
or systems which, (a) are intended for
surgical implant into the body, or (b) support
or sustain life, and whose failure to perform,
when properly used in accordance with
instructions for use provided in the labeling,
can be reasonably expected to result in a
significant injury to the user.
2.
A critical component is any component of a
life support device or system whose failure to
perform can be reasonably expected to
cause the failure of the life support device or
system,
or
to
affect
its
safety
or
effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com