Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SA25F020LEMLFF Datasheet HTML 1Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 2Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
5
Memory Organization
The memory is organized in the following
manner:
•= 262,144 bytes (8 bits each)
•= 4 sectors (512 Kb, 65,536 bytes
each), as shown in Table 1
•= 1024 pages (256 bytes each)
Each
page
can
be
individually
programmed, with the bits programmed
from 1 to 0. The SA25F020's memory can
be erased via the Page, Sector or Bulk
Erase commands, with the bits erased
from 0 to 1.
Table 1. Memory Organization
Sector
Address Range
3
30000h
3FFFFh
2
20000h
2FFFFh
1
10000h
1FFFFh
0
00000h
0FFFFh
PS
SRAM
IO
Array - R
X
D
E
C
Logic
Array - L
DATA PATH
RD
Figure 1. SA25F020 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37