Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 15Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 16Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 17Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 18Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 19Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 20Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 21Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 22Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
19
The RDSR command requires the following
sequence:
1. The CSb pin is pulled low to select
the device and the RDSR opcode is
transmitted on the SI pin.
2. The data on the SI pin becomes
Don't Care.
3. The data from the status register is
shifted out on the SO pins, with the
D7 bit first and the D0 bit last, as
shown in Figure 10.
1
3
210
9
8
7
6
5
4
0
14
13
12
11
Instruction
1
32
0
765
4
SCK
SO
High Impedance
MSB
Status Register Out
SI
15
18
17
16
22
21
20
19
1
32
0
76
5
4
MSB
Status Register Out
23
7
MSB
CS
Figure 10. Read Status Register (RDSR) Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com