Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 17Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 18Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 19Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 20Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 21Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 22Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 23Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 24Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
21
Write Status Register (WRSR)
The WRSR instruction enables the user to
select one of four levels of protection. The
SA25F020 is divided into four array
segments. The top quarter, top half or all of
the memory segments can be protected
(for more details, refer to Table 9). The
data within a selected segment is therefore
read-only.
Table 9. Block Write Protect Bits
Status Register Bits
Level
BP1
BP0
Array Addresses
Protected
0
0
0
None
1/4
0
1
30000 - 3FFFF
1/2
1
0
20000 - 3FFFF
All
1
1
00000 - 3FFFF
The WRSR instruction (as shown in
Table 10) also allows the user to enable or
disable the WPb pin via the WPBEN bit.
Hardware write protection is enabled when
the WPb pin is low and the WPBEN bit is
1, and disabled when either the WP pin is
high or the WPBEN bit is 0. When the
device is hardware write protected, writes
to the status register are disabled.
NOTE:
When the WPBEN bit is hardware write
protected, it cannot be changed back
to 0 while the WPb pin is held low.
Table 10. WPBEN Operation
WPb WPBEN WEN
Protected
Blocks
Un-
protected
Blocks
Status
Register
X
0
0
Protected
Protected Protected
X
0
1
Protected
Writeable Writeable
Low
1
0
Protected
Protected Protected
Low
1
1
Protected
Writeable Protected
High
X
0
Protected
Protected Protected
High
X
1
Protected
Writeable Writeable
The WRSR instruction is enabled:
1. When the WPb pin is held high and
the device has been previously write
enabled via the WREN instruction.
2. When the WPb pin is held low, the
WPBEN bit is 0 and the device has
been previously write enabled via the
WREN instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com