Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 26Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 27Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 28Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 29Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 30Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 31Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 32Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 33Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
30
Software Protection (SP)/
Deep Powerdown (DP)
The DP instruction is included in the device
in order to be compatible with other SPI
Flash devices, and is identical to the SP
instruction.
The SA25F020's low standby current of
1 µA is the same in both DP and Standby
modes. It is recommended that the
standard Standby mode be used for the
lowest power current draw, as well as an
extra SP mechanism while the device is
not in active use. This is due to the fact
that while in this mode, the device ignores
all Write, Program and Erase instructions.
The SP instruction is entered by driving
CSb low, followed by the instruction code
on the SI pin. CSb must be driven low for
the entire duration of the sequence. The
instruction sequence is shown in Figure 20.
CSb must be driven high after the eighth
bit of the instruction code has been latched
in; otherwise, the SP instruction is not
executed. As soon as CSb is driven high, it
requires a delay of tDP before SP mode is
entered.
Once the device has entered SP mode, all
instructions are ignored except the Release
from Software Protect and Read Electronic
Signature
(RES)
instructions,
which
release the device from this mode. RES
instructions also enable the Electronic
Signature to be read on the SO pin.
SP
mode
automatically
stops
at
powerdown, and the device always powers
up in the Standby mode. Any SP
instruction executed while an Erase,
Program or WRSR cycle is in progress is
rejected without having any effect on the
cycle in progress.
1
3
27
6
5
4
0
Instruction
SCK
SI
t
DP
Software Protect Mode
Standby Mode
CS
Figure 20. Software Protection Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com