Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLFF Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLFF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLFF Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLFF Datasheet HTML 19Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 20Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 21Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 22Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 23Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 24Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 25Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 26Page - List of Unclassifed Manufacturers SA25F020LEMLFF Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
23
Read Data Bytes (READ)
Reading the memory via the serial SPI link
requires the following sequence:
1. After the CSb line is pulled low to
select
the
device,
the
READ
opcode is transmitted via the SI
line, followed by the 3-byte address
to be read (address bits A23 to A18
are Don’t Care).
2. Upon completion, any data on the
SI line is ignored.
3. The data (D7-D0) at the specified
address is then shifted out onto the
SO line. Each bit is shifted out at a
maximum SCK frequency of FSCK.
If only one byte is to be read, the CSb line
should be driven high after the data comes
out.
The
READ
sequence
can
be
continued,
as
the
byte
address
is
automatically
incremented
and
data
continues to shift out. When the highest
address is reached, the address counter
rolls over to the lowest address, enabling
the entire memory to be read in one
continuous READ cycle. The instruction
sequence is shown in Figure 14.
Driving CSb high terminates the READ
instruction, which can be done at any time
during data output. Any READ instruction
executed while an Erase, Program or
WRSR cycle is in progress is rejected
without having any effect on the cycle in
progress.
1
3
210
9
8
7
6
5
4
0
31
30
29
28
Instruction
24-Bit
Address
23
21
22
1
32
0
1
32
0
76
54
36
35
34
33
32
39
38
37
SCK
SI
SO
High Impedance
MSB
DATA OUT 1
DATA OUT 2
7
MSB
CS
Figure 14. Read (READ) Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com