Electronic Components Datasheet Search
  English  ▼

X  

ADV7311 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7311 Datasheet HTML 45Page - Analog Devices ADV7311 Datasheet HTML 46Page - Analog Devices ADV7311 Datasheet HTML 47Page - Analog Devices ADV7311 Datasheet HTML 48Page - Analog Devices ADV7311 Datasheet HTML 49Page - Analog Devices ADV7311 Datasheet HTML 50Page - Analog Devices ADV7311 Datasheet HTML 51Page - Analog Devices ADV7311 Datasheet HTML 52Page - Analog Devices ADV7311 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
REV. A
ADV7310/ADV7311
–49–
HD SHARPNESS FILTER CONTROL AND
ADAPTIVE FILTER CONTROL
[Subaddress 20h, 38h–3Dh]
There are three filter modes available on the ADV7310/ADV7311:
sharpness filter mode and two adaptive filter modes.
HD Sharpness Filter Mode
To enhance or attenuate the Y signal in the frequency ranges
shown in the figures below, the following register settings must
be used: HD sharpness filter must be enabled and HD adaptive
filter enable must be set to disabled.
To select one of the 256 individual responses, the according
gain values for each filter, which range from –8 to +7, must
be programmed into the HD sharpness filter gain register at
Address 20h.
HD Adaptive Filter Mode
The HD adaptive filter threshold A, B, C registers, the HD
adaptive filter gain 1, 2, 3 registers, and the HD sharpness gain
register are used in adaptive filter mode. To activate the adaptive
filter control, the HD sharpness filter must be enabled and HD
adaptive filter enable must be enabled.
The derivative of the incoming signal is compared to the three pro-
grammable threshold values: HD adaptive filter threshold A, B, C.
The recommended threshold range is from 16 to 235 although
any value in the range of 0 to 255 can be used.
The edges can then be attenuated with the settings in HD adap-
tive filter gain 1, 2, 3 registers and HD sharpness filter gain
register.
According to the settings of the HD adaptive filter mode control,
there are two adaptive filter modes available:
1. Mode A is used when adaptive filter mode is set to 0. In this
case, Filter B (LPF) will be used in the adaptive filter block.
Also, only the programmed values for Gain B in the HD sharp-
ness filter gain, HD adaptive filter gain 1, 2, 3 are applied when
needed. The Gain A values are fixed and cannot be changed.
2. Mode B is used when adaptive filter mode is set to 1. In this
mode, a cascade of Filter A and Filter B is used. Both set-
tings for Gain A and Gain B in the HD sharpness filter gain,
HD adaptive filter gain 1, 2, 3 become active when needed.
FREQUENCY (MHz)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FILTER A RESPONSE (Gain Ka)
FREQUENCY (MHz)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FILTER B RESPONSE (Gain Kb)
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
02468
10
12
INPUT
SIGNAL:
STEP
FREQUENCY RESPONSE IN SHARPNESS
FILTER MODE WITH Ka = 3 AND Kb = 7
SHARPNESS AND ADAPTIVE FILTER CONTROL BLOCK
Figure 43. Sharpness and Adaptive Filter Control Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com