Electronic Components Datasheet Search
  English  ▼

X  

ADV7311 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7311 Datasheet HTML 28Page - Analog Devices ADV7311 Datasheet HTML 29Page - Analog Devices ADV7311 Datasheet HTML 30Page - Analog Devices ADV7311 Datasheet HTML 31Page - Analog Devices ADV7311 Datasheet HTML 32Page - Analog Devices ADV7311 Datasheet HTML 33Page - Analog Devices ADV7311 Datasheet HTML 34Page - Analog Devices ADV7311 Datasheet HTML 35Page - Analog Devices ADV7311 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
REV. A
–32–
ADV7310/ADV7311
Table I. Input Configurations
Input Format
Total Bits
Input Video
Input Pins
Subaddress
Register Setting
ITU-R BT.656
8
4:2:2
YCrCb
S9–S2 [MSB = S9]
01h
48h
00h
00h
10
4:2:2
YCrCb
S9–S0 [MSB = S9]
01h
48h
00h
10h
16
4:2:2
Y
S9–S2 [MSB = S9]
01h
00h
CrCb
Y9–Y2 [MSB = Y9]
48h
08h
20
4:2:2
Y
S9–S0 [MSB = S9]
01h
00h
CrCb
Y9–Y0 [MSB = Y9]
48h
18h
8
4:2:2
YCrCb
Y9–Y2 [MSB = Y9]
01h
80h
48h
00h
10
4:2:2
YCrCb
Y9–Y0 [MSB = Y9]
01h
48h
80h
10h
PS Only
8 [27 MHz clock]
4:2:2
YCrCb
Y9–Y2 [MSB = Y9]
01h
13h
10h
40h
10 [27 MHz clock]
4:2:2
YCrCb
Y9–Y0 [MSB = Y9]
01h
13h
10h
44h
8 [54 MHz clock]
4:2:2
YCrCb
Y9–Y2 [MSB = Y9]
01h
13h
70h
40h
10 [54 MHz clock]
4:2:2
YCrCb
Y9–Y0 [MSB = Y9]
01h
13h
70h
44h
16
4:2:2
Y
Y9–Y2 [MSB = Y9]
01h
10h
CrCb
C9–C2 [MSB = C9]
13h
40h
20
4:2:2
Y
Y9–Y0 [MSB = Y9]
01h
10h
CrCb
C9–C0 [MSB = C9]
13h
44h
24
4:4:4
Y
Y9–Y2 [MSB = Y9]
01h
10h
Cb
C9–C2 [MSB = C9]
13h
00h
Cr
S9–S2 [MSB = S9]
30
4:4:4
Y
Y9–Y0 [MSB = Y9]
01h
10h
Cb
C9–C0 [MSB = C9]
13h
04h
Cr
S9–S0 [MSB = S9]
HDTV Only
16
4:2:2
Y
Y9–Y2 [MSB = Y9]
01h
20h
CrCb
C9–Y2 [MSB = C9]
13h
40h
20
4:2:2
Y
Y9–Y0 [MSB = Y9]
01h
20h
CrCb
C9–C0 [MSB = C9]
13h
44h
24
4:4:4
Y
Y9–Y2 [MSB = Y9]
01h
20h
Cb
C9–Y2 [MSB = C9]
13h
00h
Cr
S9–S2 [MSB = S9]
30
4:4:4
Y
Y9–Y0 [MSB = Y9]
01h
20h
Cb
C9–C0 [MSB = C9]
13h
04h
Cr
S9–S0 [MSB = S9]
HD RGB
24
4:4:4
G
Y9–Y2 [MSB = Y9]
01h
10h or 20h
B
C9–C2 [MSB = C9]
13h
00h
R
S9–S2 [MSB = S9]
15h
02h
30
4:4:4
G
Y9–Y0 [MSB = Y9]
01h
10h or 20h
B
C9–C0 [MSB = C9]
13h
04h
R
S9–S0 [MSB = S9]
15h
02h
8
4:2:2
YCrCb
S9–S2 [MSB = S9]
01h
40h
8
4:2:2
YCrCb
Y9–Y2 [MSB = Y9]
13h
48h
40h
00h
10
4:2:2
YCrCb
S9–S0 [MSB = S9]
01h
40h
10
4:2:2
YCrCb
Y9–Y0 [MSB = Y9]
13h
48h
44h
10h
ITU-R BT.656 and PS or HDTV
8
4:2:2
YCrCb
S9–S2 [MSB = S9]
01h
30h or 50h or 60h
16
4:2:2
Y
Y9–Y2 [MSB = Y9]
13h
40h
CrCb
C9–C2 [MSB = C9]
48h
00h
ITU-R BT.656 and PS or HDTV
10
4:2:2
YCrCb
S9–S0 [MSB = S9]
01h
30h or 50h or 60h
20
4:2:2
Y
Y9–Y0 [MSB = Y9]
13h
44h
CrCb
C9–C0 [MSB = C9]
48h
10h
ITU-R BT.656 and PS
ITU-R BT.656 and PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com