Electronic Components Datasheet Search
  English  ▼

X  

ADV7311 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 2 Page - Analog Devices

  ADV7311 Datasheet HTML 1Page - Analog Devices ADV7311 Datasheet HTML 2Page - Analog Devices ADV7311 Datasheet HTML 3Page - Analog Devices ADV7311 Datasheet HTML 4Page - Analog Devices ADV7311 Datasheet HTML 5Page - Analog Devices ADV7311 Datasheet HTML 6Page - Analog Devices ADV7311 Datasheet HTML 7Page - Analog Devices ADV7311 Datasheet HTML 8Page - Analog Devices ADV7311 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
REV. A
–2–
ADV7310/ADV7311
DETAILED FEATURES
High Definition Programmable Features (720p 1080i)
2
Oversampling (148.5 MHz)
Internal Test Pattern Generator
(Color Hatch, Black Bar, Flat Field/Frame)
Fully Programmable YCrCb to RGB Matrix
Gamma Correction
Programmable Adaptive Filter Control
Programmable Sharpness Filter Control
CGMS-A (720p/1080i)
High Definition Programmable Features (525p/625p)
8
Oversampling (216 MHz Output)
Internal Test Pattern Generator
(Color Hatch, Black Bar, Flat Frame)
Individual Y and PrPb Output Delay
Gamma Correction
Programmable Adaptive Filter Control
Fully Programmable YCrCb to RGB Matrix
Undershoot Limiter
Macrovision Rev 1.1 (525p/625p)*
CGMS-A (525p)
Standard Definition Programmable Features
16
Oversampling (216 MHz)
Internal Test Pattern Generator (Color Bars, Black Bar)
*ADV7310 Only
Controlled Edge Rates for Sync, Active Video
Individual Y and PrPb Output Delay
Gamma Correction
Digital Noise Reduction (DNR)
Multiple Chroma and Luma Filters
Luma-SSAF™ Filter with Programmable
Gain/Attenuation
PrPb SSAF™
Separate Pedestal Control on Component and
Composite/S-Video Output
VCR FF/RW Sync Mode
Macrovision Rev 7.1.L1*
CGMS/WSS
Closed Captioning
Standards Directly Supported
Frame
Clk
Resolution
Rate (Hz)
Input (MHz)
Standard
720
480
29.97
27
ITU-R BT.656
720
576
25
27
ITU-R BT.656
720
483
59.94
27
SMPTE 293M
720
480
59.94
27
BTA T-1004
720
576
50
27
ITU-R BT.1362
1280
720
60
74.25
SMPTE 296M
1920
1080
30
74.25
SMPTE 274M
1920
1080
25
74.25
SMPTE 274M
*
Other standards are supported in Async Timing Mode.
*SMPTE 274M-1998: System no. 6
DETAILED FUNCTIONAL BLOCK DIAGRAM
CLKIN_A
P_BLANK
P_HSYNC
P_VSYNC
S_BLANK
S_HSYNC
S_VSYNC
CLKIN_B
HD PIXEL
INPUT
SD PIXEL
INPUT
DE-
INTER-
LEAVE
Y
CB
CR
TEST
PATTERN
SHARPNESS
AND
ADAPTIVE
FILTER
CONT
LUMA
AND
CHROMA
FILTERS
ROL
Y COLOR
CR COLOR
CB COLOR
4:2:2
TO
4:4:4
TIMING
GENERATOR
TIMING
GENERATOR
DE-
INTER-
LEAVE
Y
CB
CR
TEST
PATTERN
DNR
GAMMA
COLOR
CONTROL
SYNC
INSERTION
CLOCK
CONTROL
AND PLL
UV SSAF
V
U
PS 8
HDTV 2
RGB
MATRIX
SD 16
2
OVER-
SAMPLING
DAC
DAC
DAC
DAC
DAC
DAC
FSC
MODULATION
CGMS
WSS
TERMINOLOGY
SD
Standard Definition Video, conforming to
ITU-R BT.601/ITU-R BT.656.
HD
High Definition Video, i.e., Progressive Scan or HDTV.
PS
Progressive Scan Video, conforming to SMPTE 293M,
ITU-R BT.1358, BTAT-1004EDTV2, or BTA1362.
HDTV
High Definition Television Video, conforming to
SMPTE 274M or SMPTE 296M.
YCrCb
SD, PS, or HD Component Digital Video.
YPrPb
SD, PS, or HD Component Analog Video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com