Electronic Components Datasheet Search
  English  ▼

X  

ADV7311 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7311 Datasheet HTML 21Page - Analog Devices ADV7311 Datasheet HTML 22Page - Analog Devices ADV7311 Datasheet HTML 23Page - Analog Devices ADV7311 Datasheet HTML 24Page - Analog Devices ADV7311 Datasheet HTML 25Page - Analog Devices ADV7311 Datasheet HTML 26Page - Analog Devices ADV7311 Datasheet HTML 27Page - Analog Devices ADV7311 Datasheet HTML 28Page - Analog Devices ADV7311 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
REV. A
ADV7310/ADV7311
–25–
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
44h
SD VSYNC-3H
0Disabled
00h
1
VSYNC = 2.5 lines [PAL]
VSYNC = 3 lines [NTSC]
SD RTC/TR/SCR
0
0
Genlock disabled
01
Subcarrier Reset
10
Timing Reset
11
RTC enabled
SD Active Video Length
0
720 pixels
1
710 [NTSC]/702[PAL]
SD Chroma
0
Chroma enabled
1
Chroma disabled
SD Burst
0
Enabled
1Disabled
SD Color Bars
0
Disabled
1
Enabled
SD DAC Swap
0
DAC A = Luma, DAC B =
Chroma
1DAC A = Chroma, DAC B =
Luma
45h
Reserved
00h
46h
Reserved
00h
47h
SD PrPb Scale
0Disabled
00h
1
Enabled
SD Y Scale
0Disabled
1
Enabled
SD Hue Adjust
0
Disabled
1
Enabled
SD Brightness
0
Disabled
1
Enabled
SD Luma SSAF Gain
0
Disabled
1
Enabled
Reserved
0
0 must be written to this bit
Reserved
0
0 must be written to this bit
Reserved
0
0 must be written to this bit
48h
Reserved
0
00h
Reserved
00 must be written to this bit
SD Double Buffering
0
Disabled
1
Enabled
SD Input Format
0
0
8-bit Input
01
16-bit Input
10
10-bit Input
11
20-bit Input
SD Digital Noise Reduction
0
Disabled
1
Enabled
SD Gamma Control
0
Disabled
1
Enabled
SD Gamma Curve
0
Gamma Curve A
1
Gamma Curve B
49h
SD Undershoot Limiter
0
0
Disabled
00h
01
– 11 IRE
10
– 6 IRE
11
– 1.5 IRE
Reserved
00 must be written to this bit
0Disabled
1
Enabled
SD Chroma Delay
0
0
Disabled
01
4 clk cycles
10
8 clk cycles
11
Reserved
Reserved
0
0 must be written to this bit
Reserved
0
0 must be written to this bit
SD Black Burst Output on DAC
Luma
SD Mode
Register 3
SD Mode
Register 4
SD Mode
Register 5
SD Mode
Register 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com