Electronic Components Datasheet Search
  English  ▼

X  

ADV7311 Datasheet(PDF) 72 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADV7311 Datasheet HTML 68Page - Analog Devices ADV7311 Datasheet HTML 69Page - Analog Devices ADV7311 Datasheet HTML 70Page - Analog Devices ADV7311 Datasheet HTML 71Page - Analog Devices ADV7311 Datasheet HTML 72Page - Analog Devices ADV7311 Datasheet HTML 73Page - Analog Devices ADV7311 Datasheet HTML 74Page - Analog Devices ADV7311 Datasheet HTML 75Page - Analog Devices ADV7311 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
REV. A
–72–
ADV7310/ADV7311
Mode 3—Master/Slave Option
(Timing Register 0 TR0 = X X X X X 1 1 0 or X X X X X 1 1 1)
In this mode, the ADV7310/ADV7311 accept or generate horizon-
tal sync and odd/even field signals. A transition of the field input
when
HSYNC is high indicates a new frame, i.e., vertical retrace.
The
BLANK signal is optional. When the BLANK input is dis-
abled, the ADV7310/ADV7311 automatically blank all normally
blank lines as per CCIR-624.
HSYNC is output in master mode
and input in slave mode on
S_VSYNC, BLANK on S_BLANK,
and
VSYNC on S_VSYNC.
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
283
284
285
ODD FIELD
EVEN FIELD
DISPLAY
DISPLAY
VERTICAL BLANK
522
523
524
525
1234
5
678
9
10
11
20
21
22
DISPLAY
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
HSYNC
BLANK
FIELD
HSYNC
BLANK
FIELD
Figure 89. SD Timing Mode 3 (NTSC)
622
623
624
625
1234
5
67
21
22
23
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
HSYNC
BLANK
FIELD
DISPLAY
309
310
311
312
313
314
315
316
317
318
319
334
335
336
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
HSYNC
BLANK
FIELD
DISPLAY
320
Figure 90. SD Timing Mode 3 (PAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com