Electronic Components Datasheet Search
  English  ▼

X  

ADV7311 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7311 Datasheet HTML 13Page - Analog Devices ADV7311 Datasheet HTML 14Page - Analog Devices ADV7311 Datasheet HTML 15Page - Analog Devices ADV7311 Datasheet HTML 16Page - Analog Devices ADV7311 Datasheet HTML 17Page - Analog Devices ADV7311 Datasheet HTML 18Page - Analog Devices ADV7311 Datasheet HTML 19Page - Analog Devices ADV7311 Datasheet HTML 20Page - Analog Devices ADV7311 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
REV. A
ADV7310/ADV7311
–17–
WRITE
SEQUENCE
READ
SEQUENCE
S
SLAVE ADDR
A(S)
SUBADDR
A(S)
DATA
A(S)
DATA
A(S)
P
S
SLAVE ADDR
A(S)
SUBADDR
A(S) S
SLAVE ADDR
A(S)
DATA
DATA
A(M)
A(M) P
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(S) = NO-ACKNOWLEDGE BY SLAVE
A(M) = NO-ACKNOWLEDGE BY MASTER
LSB = 0
LSB = 1
Figure 20. Read and Write Sequence
REGISTER ACCESSES
The MPU can write to or read from all of the registers of the
ADV7310/ADV7311 except the subaddress registers, which are
write only registers. The subaddress register determines which
register the next read or write operation accesses. All communi-
cations with the part through the bus start with an access to the
subaddress register. A read/write operation is then performed
from/to the target address, which increments to the next address
until a stop command is performed on the bus.
Register Programming
The following tables describe the functionality of each register.
All registers can be read from as well as written to, unless other-
wise stated.
Subaddress Register (SR7–SR0)
The communications register is an 8-bit write only register. After
the part has been accessed over the bus and a read/write opera-
tion is selected, the subaddress is set up. The subaddress register
determines to/from which register the operation takes place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com