Electronic Components Datasheet Search
  English  ▼

X  

ADV7311 Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7311 Datasheet HTML 29Page - Analog Devices ADV7311 Datasheet HTML 30Page - Analog Devices ADV7311 Datasheet HTML 31Page - Analog Devices ADV7311 Datasheet HTML 32Page - Analog Devices ADV7311 Datasheet HTML 33Page - Analog Devices ADV7311 Datasheet HTML 34Page - Analog Devices ADV7311 Datasheet HTML 35Page - Analog Devices ADV7311 Datasheet HTML 36Page - Analog Devices ADV7311 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
REV. A
ADV7310/ADV7311
–33–
HD/PS
Input
Format
HD/PS RGB
Input 15h,
Bit 1
RGB/YPrPb
Output 02h,
Bit 5
HD/PS Color
Swap 15h, Bit 3
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
YCrCb 4:2:2
0
0
0
N/A
N/A
N/A
G
B
R
YCrCb 4:2:2
0
0
1
N/A
N/A
N/A
G
R
B
YCrCb 4:2:2
0
1
0
N/A
N/A
N/A
Y
Pb
Pr
YCrCb 4:2:2
0
1
1
N/A
N/A
N/A
Y
Pr
Pb
YCrCb 4:4:4
0
0
0
N/A
N/A
N/A
G
B
R
YCrCb 4:4:4
0
0
1
N/A
N/A
N/A
G
R
B
YCrCb 4:4:4
0
1
0
N/A
N/A
N/A
Y
Pb
Pr
YCrCb 4:4:4
0
1
1
N/A
N/A
N/A
Y
Pr
Pb
RGB 4:4:4
1
0
0
N/A
N/A
N/A
G
B
R
RGB 4:4:4
1
0
1
N/A
N/A
N/A
G
R
B
RGB 4:4:4
1
1
0
N/A
N/A
N/A
G
B
R
RGB 4:4:4
1
1
1
N/A
N/A
N/A
G
R
B
Input Formats
RGB/YPrPb
Output 02h, Bit 5
HD/PS Color
Swap 15h, Bit 3
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
ITU-R.BT656 and
HD YCrCb in 4:2:2
00
CVBS
Luma
Chroma
G
B
R
ITU-R.BT656 and
HD YCrCb in 4:2:2
01
CVBS
Luma
Chroma
G
R
B
ITU-R.BT656 and
HD YCrCb in 4:2:2
10
CVBS
Luma
Chroma
Y
Pb
Pr
ITU-R.BT656 and
HD YCrCb in 4:2:2
11
CVBS
Luma
Chroma
Y
Pr
Pb
OUTPUT CONFIGURATION
The tables below demonstrate what output signals are assigned to the DACs when the control bits are set accordingly.
Table II. Output Configuration in SD Only Mode
Table III. Output Configuration in HD/PS Only Mode
RGB/YUV Output
02h, Bit 5
SD DAC Output 1
42h, Bit 2
SD DAC Output 2
42h, Bit 1
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
000
CVBS
Luma
Chroma
G
B
R
001
GB
R
CVBS
Luma
Chroma
010
G
Luma
Chroma
CVBS
B
R
011
CVBS
B
R
G
Luma
Chroma
100
CVBS
Luma
Chroma
Y
U
V
101
YU
V
CVBS
Luma
Chroma
110
Y
Luma
Chroma
CVBS
U
V
111
CVBS
U
V
Y
Luma
Chroma
0
1
Table above with all Luma/Chroma instances swapped
Table as above
Luma/Chroma Swap 44h, Bit 7
Table IV. Output Configuration in Simultaneous SD and HD/PS Only Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com