Electronic Components Datasheet Search
  English  ▼

X  

ADV7311 Datasheet(PDF) 23 Page - Analog Devices

Part # ADV7311
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7311 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV7311 Datasheet HTML 19Page - Analog Devices ADV7311 Datasheet HTML 20Page - Analog Devices ADV7311 Datasheet HTML 21Page - Analog Devices ADV7311 Datasheet HTML 22Page - Analog Devices ADV7311 Datasheet HTML 23Page - Analog Devices ADV7311 Datasheet HTML 24Page - Analog Devices ADV7311 Datasheet HTML 25Page - Analog Devices ADV7311 Datasheet HTML 26Page - Analog Devices ADV7311 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
REV. A
ADV7310/ADV7311
–23–
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
Setting
Reset
Values
38h
0
000
Gain A = 0
00h
0
001
Gain A = +1
..
..
..
..
……
0
111
Gain A = +7
1
000
Gain A = –8
..
..
..
..
……
1
111
Gain A = –1
00
00
Gain B = 0
00
01
Gain B = +1
..
..
..
..
…….
01
11
Gain B = +7
10
00
Gain B = –8
..
..
..
..
……..
11
11
Gain B = –1
39h
0
000
Gain A = 0
00h
0
001
Gain A = +1
..
..
..
..
……
0
111
Gain A = +7
1
000
Gain A = –8
..
..
..
..
……
1
111
Gain A = –1
00
00
Gain B = 0
00
01
Gain B = +1
..
..
..
..
…….
01
11
Gain B = +7
10
00
Gain B = –8
..
..
..
..
……..
11
11
Gain B = –1
3Ah
0
000
Gain A = 0
00h
0
001
Gain A = +1
..
..
..
..
……
0
111
Gain A = +7
1
000
Gain A = –8
..
..
..
..
……
1
111
Gain A = –1
00
00
Gain B = 0
00
01
Gain B = +1
..
..
..
..
…….
01
11
Gain B = +7
10
00
Gain B = –8
..
..
..
..
……..
11
11
Gain B = –1
3Bh
xx
xxx
xxx
Threshold A
00h
3Ch
x
x
x
x
x
x
x
x
Threshold B
00h
3Dh
x
x
x
x
x
x
x
x
Threshold C
00h
HD Adaptive Filter
Gain 1
HD Adaptive Filter
Gain 2
HD Adaptive Filter
Gain 3
HD Adaptive Filter
Threshold A
HD Adaptive Filter
Threshold B
HD Adaptive Filter
Threshold C
HD Adaptive Filter Threshold C Value
HD Adaptive Filter Threshold B Value
HD Adaptive Filter Gain 2 Value A
HD Adaptive Filter Gain 1 Value B
HD Adaptive Filter Gain 1 Value A
HD Adaptive Filter Threshold A Value
HD Adaptive Filter Gain 3 Value B
HD Adaptive Filter Gain 3 Value A
HD Adaptive Filter Gain 2 Value B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com