| Electronic Components Datasheet Search |
|
DSP56853 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56853 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 662 page ![]() 5685X Digital Signal Controller User Manual, Rev. 4 xxvi Freescale Semiconductor • Chapter 7, Power-On Reset (POR) and Computer Operating Properly (COP)—function monitors the core power supply and analog power supply. • Chapter 8, Interrupt Controller (ITCN)—describes how the IPBus Interrupt Controller accepts interrupt requests from IPBus-based peripherals and presents them to the 56800E core. • Chapter 9, Direct Memory Access (DMA)—transfers data between points in the memory map without intervention by the CPU. The DMA controller allows movements of data to and from internal data memory, or internal peripherals to occur in the background of CPU operation. • Chapter 10, Serial Communications Interface (SCI)—presents the Serial Communications Interface, communicating with devices such as codecs, other DSCs, microprocessors, and peripherals to provide the primary data input path. • Chapter 11, Serial Peripheral Interface (SPI)—describes the Serial Peripheral Interface, which communicates with external devices, such as Liquid Crystal Displays (LCDs) and Microcontroller Units (MCUs). • Chapter 12, Enhanced Synchronous Serial Interface (ESSI)—details the Enhanced Synchronous Serial Interface. It communicates with devices such as industry-standard codecs, other DSCs, microprocessors, and peripherals to implementing the Serial Peripheral Interface (SPI). • Chapter 13, Quad Timer (TMR)—outlines the internal Quad Timer devices available, including features and registers. • Chapter 14, Time-Of-Day (TOD)—discusses instruction of the sequence of counters to track elapsed time and its ability to track time up to 179.5 years, or 65,535 days. • Chapter 15, General Purpose Input/Output (GPIO)—describes how peripheral pins are multiplexed with GPIO functions. • Chapter 16, Host Interface Eight (HI8)—provides host processors with DSC design accesses. • Chapter 17, JTAG Port—explains the Joint Test Action Group (JTAG) testing methodology and its capabilities with Test Access Port (TAP) and Enhanced OnCE (fully explained in the Reference Manual). • Appendix A, Glossary—provides definitions of terms, peripherals, acronyms and register names used in this manual. • Appendix B, Programmer’s Sheets—provides concise, one location of registers and their reference tables intended to simplify programming of the 5685x. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |