| Electronic Components Datasheet Search |
|
DSP56853 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56853 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc |
|
86 / 662 page ![]() Power, Ground and Peripheral Signals 5685X Digital Signal Controller User Manual, Rev. 4 2-18 Freescale Semiconductor SCK1 (GPIOD2) Input / Output Input / Output ESSI Serial Clock (SCK1)—This bidirectional pin provides the serial bit rate clock for the transmit section of the ESSI. The clock signal can be continuous or gated and can be used by both the transmitter and receiver in synchronous mode. Port D GPIO 2—This is a General Purpose I/O pin available when the ESSI is not in use. —— — 1 1 SC10 (GPIOD3) Input / Output Input / Output ESSI Serial Control Pin 0 (SC10)—The function of this pin is determined by the selection of either synchronous or asynchronous mode. For asynchronous mode, this pin will be used for the receive clock I/O. For synchronous mode, this pin is used either for transmitter1 output or for serial I/O flag 0. Port D GPIO 3—This is a General Purpose I/O pin available when the ESSI is not in use. —— — 1 1 SC11 (GPIOD4) Input / Output Input / Output ESSI Serial Control Pin 1 (SC11)—The function of this pin is determined by the selection of either synchronous or asynchronous mode. For asynchronous mode, this pin is the receiver frame sync I/O. For synchronous mode, this pin is used either for transmitter2 output or for serial I/O flag 1. Port D GPIO (4)—This is a General Purpose I/O pin available when the ESSI is not in use. —— — 1 1 SC12 (GPIOD5) Input / Output Input / Output ESSI Serial Control Pin 2 (SC12)—This pin is used for frame sync I/O. SC02 is the frame sync for both the transmitter and receiver in synchronous mode and for the transmitter only in asynchronous mode. When configured as an output, this pin is the internally generated frame sync signal. When configured as an input, this pin receives an external frame sync signal for the transmitter (and the receiver in synchronous operation). Port D GPIO 5—This is a General Purpose I/O pin available when the ESSI is not in use. —— — 1 1 Table 2-12. Enhanced Synchronous Serial Interface 1 (Continued) Signal Name Signal Type Signal Description 853 Pins 854 Pins 855 Pins 857 Pins 858 Pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |