Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 662 page
background image
Power, Ground and Peripheral Signals
Overview, Rev. 4
Freescale Semiconductor
2-11
Table 2-3. Grounds
Signal Name
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
VSS
Ground—These pins provide grounding for the internal structures of
the chip and should all be attached to VSS.
66
45
8
VSSIO
Ground—These pins provide grounding for all I/O and ESD structures
of the chip. They all should be attached to VSSIO.
10
10
10
12
14
VSSA
Analog Power—These pins supply an analog ground.
11
12
2
Table 2-4. External Bus Control Signals
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
A0-A20
Output(Z)
Address Bus—These signals specify a word
address for external program or data memory
access.
21
21
21
—
21
D0-D15
Input / Output(Z)
Data Bus—These pins provide the bidirectional
data for external program or data memory
accesses.
16
16
16
—
16
RD
Output
Read Enable—is asserted during external
memory read cycles. This signal is pulled high
during reset.
11
1
—
1
WR
Output
Write Enable—is asserted during external
memory write cycles. This signal is pulled high
during reset.
11
1
—
1
Table 2-5.
External Chip Select
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
CSO- CS3
(GPIOA0-A3)
Output
Input / Output
External Chip Select—These pins are used as
chip selects during external memory cycles.
Port A GPIO0-3—These are General Purpose I/O
pins when not configured for EMI use.
44
44
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com