Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 662 page
background image
56858 Peripheral Blocks
5685X Digital Signal Controller User Manual, Rev. 4
1-28
Freescale Semiconductor
1.11 56858 Peripheral Blocks
The 56858 provides these peripheral blocks:
•
Two Serial Communication Interfaces (SCI), each with two pins, or four additional GPIO
lines
•
Two Enhanced Synchronous Serial Interfaces (ESSI0 and ESSI1), each with six pins, or
12 additional GPIO lines
•
General Purpose 16-bit Quad Timer (TMR) with four pins or additional GPIO lines
•
Serial Port Interface (SPI) with four pins or additional GPIO lines
•
Eight-bit Parallel Host Interface (HI8) with 16 pins, or 16 additional GPIO lines
•
Interrupt Controller
•
Computer Operating Properly (COP)/Watchdog Timer
•
Time of Day (TOD)
•
Clock Generator
•
System Integration Module (SIM)
•
External Memory Interface (EMI)
•
JTAG/Enhanced On-Chip Emulation (EOnCE) for unobtrusive, real-time debugging
1.12 Peripheral Descriptions
The IPBus bridge converts program and data memory accesses to the IPBus-compliant interface
for peripherals and external EMI. This IPBus bridge allows for communication between the core
and peripherals utilizing the CDBR for data and XAB for addresses. To access program space
through the EMI, use PAB and PDB buses. Peripherals run off the IPBus clock at up to 60MHz.
The IPBus clock frequency is half of the system clock frequency.
1.12.1 External Memory Interface
The EMI design includes these distinctive features:
•
Programmable wait states for slower memories (up to 16 IP_CLK access time)
•
Contains four programmable chip selects
•
No external glue logic required for typical systems, if the chip selects are used
•
Chip selects may be independently programmed with various features
•
Program or data space selection
•
Programmable byte enables, to support 8-bit wide external memories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com