Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 662 page
background image
Introduction
Overview, Rev. 4
Freescale Semiconductor
2-3
2.1 Introduction
This chapter details the input and output signals and functions of 568x packaging. Depending on
the device, their pins allow a variety of functions and capabilities. Each is detailed in this chapter.
In addition to the available peripherals, up to 47-general purpose pins are also available when not
required for other purposes. The remaining signal pins are dedicated to one function. The input
and output signals of these packages are organized into functional groups, shown in Table 2-1
and illustrated in Figure 2-1 through Figure 2-5. Each table row describes the package pins and
the signal or signals present in Table 2-2 through Table 2-15. Interface signals have these
general characteristics:
•
Pins listed here are pulled high with an on-chip resistor
— TDI
— TMS
— TRST
— DE
•
This pin is pulled low with an on-chip resistor:
—TCK
•
These pins are pulled high by the device during hardware reset:
— RD
— WR
•
These pins have the internal pull-ups permanently disabled:
— MODA
— MODB
— MODC
•
General Purpose I/O pins have programmable pull-up resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com