Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 662 page
background image
5685x Family Architectural Overview
5685X Overview, Rev. 4
Freescale Semiconductor
1-9
Figure 1-3. 56855 Functional Block Diagram
JTAG/
Enhanced
OnCE
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
16-Bit
56800E Core
XTAL
EXTAL
Interrupt
Controller
Quad
Timer
or
GPIOG
4
CLKO
External Address
Bus Switch
External Bus
Interface Unit
RESET
IRQA
IRQB
VDD
VSSIO
VDDA VSSA
External Data
Bus Switch
Bus Control
WR Enable
RD Enable
CS0-CS3[3:0] or
A0-20 [20:0]
MODEA-C or
D0-D15 [15:0]
6
Program Memory
24,576 x 16 SRAM
Boot ROM
1024 x 16 ROM
Data Memory
24,576 x 16 SRAM
PDB
PDB
XAB1
XAB2
XDB2
CDBR
2 SCI
or
GPIOE
IPBus Bridge (IPBB)
3
(GPIOH0-H2)
4
10
VDDIO
10
Decoding
Peripherals
System
Bus
Control
Memory
PAB
PAB
CDBW
CDBR
CDBW
VSS
4
GPIOA0-GPIOA3[3:0]
6
ESSI0
or
GPIOC
RSTO
DMA
6 channel
POR
Integration
Module
System
COP/
Watch-
dog
Time
of
Day
Clock
Generator
OSC PLL
IPBus CLK
COP/TOD CLK
Core CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com