Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 662 page
background image
Power, Ground and Peripheral Signals
Overview, Rev. 4
Freescale Semiconductor
2-17
SC00
(GPIOC3)
Input / Output
Input / Output
ESSI Serial Control Pin 0—The function of this
pin is determined by the selection of either
synchronous or asynchronous mode. For
asynchronous mode, this pin will be used for the
receive clock I/O. For synchronous mode, this pin
is used either for transmitter 1 output or for serial
I/O flag 0.
Port C GPIO 3—This is a General Purpose I/O pin
when the ESSI is not in use.
11
11
1
SC01
(GPIOC4)
Input / Output
Input / Output
ESSI Serial Control Pin 1—The function of this
pin is determined by the selection of either
synchronous or asynchronous mode. for
asynchronous mode, this pin is the receiver frame
sync I/O. For synchronous mode, this pin is used
either for transmitter 2 output or for serial I/O flag
1.
Port C GPIO 4—This is a General Purpose I/O pin
when the ESSI is not in use.
11
11
1
SC02
(GPIOC5)
Input / Output
Input / Output
ESSI Serial Control Pin 2—This pin is used for
frame sync I/O. SC02 is the frame sync for both
the transmitter and receiver in synchronous mode
and for the transmitter only in asynchronous more.
When configured as an output, this pin is the
internally generated frame sync signal. When
configured as an input, this pin receives an
external sync signal for the transmitter, and the
receiver in the synchronous operation.
Port C GPIO 5—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
11
1
Table 2-12. Enhanced Synchronous Serial Interface 1
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
STD1
(GPIOD0)
Output(Z)
Input / Output
ESSI Transmit Data (STD1)—This output pin
transmits serial data from the ESSI Transmitter
Shift Register.
Port D GPIO 0—This is a General Purpose I/O pin
available when the ESSI is not in use.
——
—
1
1
SRD1
(GPIOD1)
Input
Input / Output
ESSI Receive Data (SRD1)—This input pin
receives serial data and transfers the data to the
ESSI Receive Shift Register.
Port D GPIO 1—This is a General Purpose I/O pin
available when the ESSI is not in use.
——
—
1
1
Table 2-11. Enhanced Synchronous Serial Interface 0 (Continued)
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com