Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 662 page
background image
Power, Ground and Peripheral Signals
5685X Digital Signal Controller User Manual, Rev. 4
2-16
Freescale Semiconductor
Table 2-10. Serial Communication Interface 1
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
RXD1
(GPIOE2)
Input
Input / Output
Serial Receive Data 1—This input receives
byte-oriented serial data and transfers it to the
SCI1 receive shift receiver.
Port E GPIO 2—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
11
1
TXD1
(GPIOE3)
Output(Z)
Input / Output
Serial Transmit Data 1—This signal transmits
data from the SCI1 transmit data register.
Port E GPIO 3—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
11
1
Table 2-11. Enhanced Synchronous Serial Interface 0
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
STD0
(GPIOC0)
Output(Z)
Input / Output
ESSI Transmit Data 0—This output pin transmits
serial data from the ESSI Transmitter Shift
Register.
Port C GPIO 0—This is a General Purpose I/O pin
when the ESSI is not in use.
11
11
1
SRD0
(GPIOC1)
Input
Input / Output
ESSI Receive Data 0—This input pin receives
serial data and transfers the data to the ESSI
Transmitter Shift Register.
Port C GPIO 1—This is a General Purpose I/O pin
when the ESSI is not is use.
11
11
1
SCK0
(GPIOC2)
Input / Output
Input / Output
ESSI Serial Clock 0—This bidirectional pin
provides the serial bit rate clock for the transmit
section of the ESSI. The clock signal can be
continuous or gated and can be used by both the
transmitter and receiver in synchronous mode.
Port C GPIO 2—This is a General Purpose I/O pin
when the ESSI is not is use.
11
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com