Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 662 page
background image
5685x Family Architectural Overview
5685X Digital Signal Controller User Manual, Rev. 4
1-12
Freescale Semiconductor
Table 1-1. Feature Matrix
Feature
56853
56854
56855
56857
56858
Speed (MIPS)
120
120
120
120
120
Program SRAM
12K x 16
16K x 16
24K x 16
40K x 16
40K x 16
Data SRAM
4K x 16
16K x 16
24K x 16
24K x 16
24K x 16
Boot ROM
1K x 16
1K x 16
1K x 16
1K x 16
1K x 16
Program
Memory
Up to 2M words
Up to 2M words
Up to 2M words
—
Up to 2M words
Data Memory
Up to 8M words
Up to 8M words
Up to 8M words
—-
Up to 8M words
Oscillator
Yes
Yes
Yes
Yes
Yes
PLL
Yes
Yes
Yes
Yes
Yes
SCI
2
2
2
2
2
SPI
1
1
0
1
1
ESSI
1
1
1
2
2
HI8
1
1
0
1
1
Watchdog
1
1
1
1
1
General
Purpose Timers
44
4
44
Dedicated GPIO
—
—
—
4—
GPIO (Max)
41
41
18
47
47
JTAG/EOnCE
1
1
1
1
1
Interrupt
Controller
Yes
Yes
Yes
Yes
Yes
DMA
(6- channel)
Yes
Yes
Yes
Yes
Yes
External Bus
1
1
1
—
1
Package
128 LQFP
128 LQFP
100 LQFP
100 LQFP
144 LQFP
144MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com